Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-9LW Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # PPC-9LW
Description  4 V Photovoltaic Power Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PPC-9LW Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  PPC-9LW Datasheet HTML 1Page - JDS Uniphase Corporation PPC-9LW Datasheet HTML 2Page - JDS Uniphase Corporation PPC-9LW Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOTONIC POWER
Key Features
• Up to 30 mA at 3 V
• Up to 100 mW electrical power
• Up to 4 volts output
• Optimized for 1310 - 1500 nm source
• Complete electrical isolation
• Single mode fiber source delivery
The PPC-9LW is a novel photovoltaic power converter optimized for maximum
efficiency at 1300 – 1550 nm illumination. Source optical energy is delivered over
single mode fiber to drive electronics over long distances. Reliable and low cost
laser diodes are readily available as sources.
Total electrical isolation, and compatibility of operation in high electrical field or
noisy electrical environments are key capabilities of the PPC-9LW. Remote power
for sensors, diagnostic, or monitoring equipment are typical applications.
Designed to convert 1300 – 1550 nm light into electrical power up to 4 V, with output
power from a few mW to 100 mW, the PPC-9LW is available with ST or FC connectors.
Applications
• Remote optically powered sensors
using installed fiber
• Uses low cost and efficient 1300 or
1550 nm laser diode source
• Remote antenna lightning isolation
• Remote electrical power conversion
via installed fiber network
4 V Photovoltaic Power Converter
PPC-9LW
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - PPC-9LW

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-100 ADVANTECH-PPC-100 Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE ADVANTECH-PPC-100T-BARE Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-100T-BARE-T ADVANTECH-PPC-100T-BARE-T Datasheet
274Kb / 2P
5x86-133 Panel PC with 10.4 TFT LCD Display
PPC-103DC-BBA-TE ADVANTECH-PPC-103DC-BBA-TE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-103DC-BBARE ADVANTECH-PPC-103DC-BBARE Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
More results

Similar Description - PPC-9LW

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
Power MOSFET Photovoltaic Relay
PVN013 IRF-PVN013 Datasheet
121Kb / 5P
HEXFET POWER MOSFET PHOTOVOLTAIC RELAY
logo
JDS Uniphase Corporatio...
PPC-2E JDSU-PPC-2E Datasheet
229Kb / 3P
2 V Photovoltaic Power Converter
PPC-4E JDSU-PPC-4E Datasheet
207Kb / 3P
4 V Photovoltaic Power Converter
PPC-6E JDSU-PPC-6E Datasheet
217Kb / 3P
6 V Photovoltaic Power Converter
PPC-12E JDSU-PPC-12E Datasheet
210Kb / 3P
12 V Photovoltaic Power Converter
logo
International Rectifier
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
HEXFET Power MOSFET Photovoltaic Relay
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com