Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35F Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # TIP35F
Description  POWER TRANSISTORS(25A,120-160V,125W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

TIP35F Datasheet(HTML) 1 Page - Mospec Semiconductor

  TIP35F Datasheet HTML 1Page - Mospec Semiconductor TIP35F Datasheet HTML 2Page - Mospec Semiconductor TIP35F Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - TIP35F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TIP35F CDIL-TIP35F Datasheet
72Kb / 3P
POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP35F ISC-TIP35F Datasheet
151Kb / 2P
isc Silicon NPN Power Transistor
logo
Continental Device Indi...
TIP35FNPN CDIL-TIP35FNPN Datasheet
72Kb / 3P
POWER TRANSISTORS
More results

Similar Description - TIP35F

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
POWER TRANSISTORS(8A,125W)
2SC2921 MOSPEC-2SC2921 Datasheet
116Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
POWER TRANSISTORS(25A,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
POWER TRANSISTORS(12A,125W)
MJE4340 MOSPEC-MJE4340 Datasheet
135Kb / 4P
POWER TRANSISTORS(16A,100-160V,125W)
TIP31D MOSPEC-TIP31D Datasheet
200Kb / 4P
POWER TRANSISTORS(3.0A,120-160V,40W)
TIP33D MOSPEC-TIP33D Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,120-160V,80W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
TIP41D MOSPEC-TIP41D Datasheet
173Kb / 4P
POWER TRANSISTORS(6A,120-160V,65W)
logo
Nell Semiconductor Co.,...
TIP35 NELLSEMI-TIP35 Datasheet
246Kb / 3P
Complementary Silicon Power Transistor 25A/40~100V/125W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com