Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2411 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2411
Description  NPN Transistor Plastic-Encapsulate Transi stors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2411 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2411 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2411 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SC2411
NPN Transistor
Plastic-Encapsulate Transistors
P
n
n
RoHS Compliant Product
ower Dissipation
PCM: 200 mW ( Tamb= 25 C)
o
FEATURES
Collector
MAXIMUM RATINGS* TA=25
unless otherwise noted
℃
Symbol
Parameter
Value
Units
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
2
3
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
32
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Dissipation
200
mW
TJ, Tstg
Junction and Storage Temperature
-55-150
℃
01-Jun-2002 Rev. A
Page 1 of 2
ELECTRICAL
CHARACTERISTICS (Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
100µA,IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
1mA,IB=0
32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=20V,IE=0
1
µA
Emitter cut-off current
IEBO
VEB=4V,IC=0
1
µA
DC current gain
hFE
VCE=3V,IC=100mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=500mA,IB=50mA
0.4
V
Transition frequency
fT
VCE=5V,IC=20mA,f=100MHz
250
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
6.0
pF
CLASSIFICATION OF
hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
CP
CQ
CR
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC2411

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
2SC2411 BILIN-2SC2411 Datasheet
436Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Shenzhen Jin Yu Semicon...
2SC2411 HTSEMI-2SC2411 Datasheet
648Kb / 2P
TRANSISOR(NPN)
logo
GUANGDONG HOTTECH INDUS...
2SC2411 HOTTECH-2SC2411 Datasheet
189Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC2411 BILIN-2SC2411 Datasheet
189Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Jiangsu Changjiang Elec...
2SC2411 JIANGSU-2SC2411 Datasheet
1Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2411

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2N4401 SECOS-2N4401 Datasheet
324Kb / 2P
NPN Transistor Plastic-Encapsulate Transi stors
2N5401 SECOS-2N5401 Datasheet
166Kb / 1P
PNP Transistor Plastic-Encapsulate Transi stors
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com