Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4097 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4097
Description  Medium Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4097 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SC4097 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4097 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC4097 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
2SC4097
32V, 0.5A
Medium Power Transistor
ELECTRICAL CHARACTERISTICS (Ta = 25
)
TYPE NUMBER
SYMBOL
Min.
Typ.
Max.
UNIT
TEST CONDITIONS
Collector-Base Breakdown Voltage
BVCBO
40
-
-
V
IC = 100 µA
Collector-Emitter Breakdown Voltage
BVCEO
32
-
-
V
IC = 1 mA
Emitter-Base Breakdown Voltage
BVEBO
5
-
-
V
IE = 100 µA
Collector Cutoff Current
ICBO
-
-
1
µA
VCB = 20 V
Emitter Cutoff Current
IEBO
-
-
1
µA
VEB = 4 V
Collector-Emitter Saturation Voltage
VCE (sat)
-
-
0.4
V
IC / IB = 500 mA / 50 mA
DC Current Transfer Ratio
hFE
82
-
390
-
VCE = 3 V, IC = 100 mA
VCE = 5 V, IE = -20 mA,
Transition Frequency
fT
-
250
-
MHz
f = 100 MHz
VCB = 10 V, IE = 0 A,
Output Capacitance
Cob
-
6.0
-
pF
f = 1 MHz
hFE VALUES ARE CLASSIFIED AS FOLLOWS:
ITEM
P
Q
R
hFE
82 ~ 180
120 ~ 270
180 ~ 390
Marking
CP
CQ
CR
ELECTRICAL CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.8
0.2
0.4
0.9
0.7
0.5
1.1
0.3
1.0
0.6
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
T a 100
25
80
25
55
VCE
6V
BASE TO EMITTER VOLTAGE : VBE
(
V)
Fig.1
Grounded emitter propagation
characteristics
1
0
2345
0
100
50
0.50m
A
0.45m
A
0.40m
A
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB
=0A
Ta
=25
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2
Grounded emitter output
characteris tics ( )
1
0
2345
0
500
400
300
200
100
2mA
1.8mA
1.6mA
1.4mA
1.2mA
0.2mA
0.4mA
0.6mA
0.8mA
1.0mA
IB
=0A
Ta
=25
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3
Grounded emitter output
characteris tics ( )
=
=
-
-
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com