Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4097 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4097
Description  Medium Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4097 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2SC4097 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4097 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC4097 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
2SC4097
32V, 0.5A
Medium Power Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.5
1
2
5
10
20
50 100
1000
200
500
0.2
0.5
1
0.02
0.05
0.1
T a=
25
lC/lB
=10
COLLECTOR CURRENT : IC(
mA)
Fig.4
Collector-emitter saturation voltage
vs. collector current
5001000
0.1
200
10
0.2
50 100
0.5
20
12
5
20
10
50
100
200
500
1000
COLLECTOR CURRENT : IC(
mA)
Ta=100
75
50
25
-25
-50
V CE
=3V
Fig.5
DC current gain vs. collector current
Fig. 6
Gain bandwidth product vs.
emitter current
EMITTER CURRENT : IE
(mA)
Ta=25
V CE =5V
0.5
1
2
5
10
20
50
50
100
200
500
0.5
1
2
5
10
20
50
5
2
10
20
50
Cib
Co
b
Ta=25
f=1MHz
IE =0A
IC=0A
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Fig.7
Collector output capacitance vs.
collector-base voltage
E mitter input capacitance vs .
emitter-base voltage
0
01-Jun-2002 Rev. A
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com