Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1664 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1664
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1664 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1664 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1664 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD1664 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SD1664
NPN Silicon
General Purpose Transistor
1
2
3
R o H S C o m p lia n t P ro d u c t
01-Jun-2002 Rev. A
Page 1 of 3
Parameter
Symbol
Test Conditions
MIN
MAX
UNIT
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Features
Power dissipation
PCM : 0.5 W (Tamb= 25
oC)
Collector current
ICM
: 1 A
Collector-base voltage
V(BR)CBO : 40 V
Operating & Storage junction Temperature
Tj, Tstg : -55 C~ +150 C
OO
Electrical Characteristics( Tamb=25OC unless otherwise specified)
Symbol
A
b
b1
c
D
D1
E
E1
e
e1
L
Min
1.400
0.320
0.360
0.350
4.400
1.400
2.300
3.940
2.900
0.900
Max
1.600
0.520
0.560
0.440
4.600
1.800
2.600
4.250
3.100
1.100
Min
0.055
0.013
0.014
0.014
0.173
0.055
0.091
0.155
0.114
0.035
Max
0.063
0.020
0.022
0.017
0.181
0.071
0.102
0.167
0.122
0.043
Dimensions In Millimeters
Dimensions In Inches
0.060TYP
1.500TYP
D
D1
C
A
b
b1
e
e1
SOT-89
1.BASE
2.COLLECTOR
3.EMITTER
Collector-base breakdown voltage
V(BR)CBO
Ic= 50
A IE=0
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1mA IB=0
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50 A IC=0
V
Collector cut-off current
ICBO
VCB= 20 V, IE=0
A
Emitter cut-off current
IEBO
VEB=4V, IC=0
A
hFE
VCE=3V, IC= 0.1A
82
DC current gain
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA, IB= 50mA
0.4
V
Transition frequency
fT
VCE=5V , IC= 50mA
f=1MHz
MHz
Output Capacitance
Cob
VCB= 10V, IE= 0
f=1MHz
pF
TYP
150
15
40
32
5
390
0.5
0.5
Rank
P
Q
Range
Marking
R
DAP
DAQ
DAR
Classification of hFE
82-180
120-270
180-390


Similar Part No. - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Unisonic Technologies
2SD1664 UTC-2SD1664 Datasheet
188Kb / 3P
MEDIUM POWER NPN TRANSISTOR
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
logo
Guangdong Kexin Industr...
2SD1664 KEXIN-2SD1664 Datasheet
365Kb / 3P
Medium Power Transistor
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
More results

Similar Description - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com