Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1664 Datasheet (PDF) - Unisonic Technologies

2SD1664 Datasheet PDF - Unisonic Technologies
Part # 2SD1664
Download  2SD1664 Download
File Size   188.38 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description MEDIUM POWER NPN TRANSISTOR

2SD1664 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1664 Datasheet PDF - Unisonic Technologies

Part # 2SD1664
Download  2SD1664 Click to download

File Size   188.38 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description MEDIUM POWER NPN TRANSISTOR

2SD1664 Datasheet (HTML) - Unisonic Technologies


2SD1664 Product details

MEDIUM POWER NPN TRANSISTOR



DESCRIPTION

The UTC 2SD1664 is an epitaxial planar type NPN silicon transistor.



FEATURES

*Low VCE(SAT): VCE (SAT)= 0.15V(Typ.)

(IC/IB= 500mA/50mA)

* Complement the 2SB1132.




Similar Part No. - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SD1664 ROHM-2SD1664 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
logo
Guangdong Kexin Industr...
2SD1664 KEXIN-2SD1664 Datasheet
365Kb / 3P
Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1664 SECOS-2SD1664 Datasheet
118Kb / 3P
NPN Silicon General Purpose Transistor
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
More results


Similar Description - 2SD1664

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
NPN MEDIUM POWER TRANSISTOR
02-Oct-2007
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
NPN Medium Power Transistor
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
Medium Power NPN Transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
NPN MEDIUM POWER TRANSISTOR
Rev 2
logo
Rohm
SST2222A ROHM-SST2222A Datasheet
1Mb / 11P
NPN Medium Power Transistor
UMT4401U3HZG ROHM-UMT4401U3HZG Datasheet
1Mb / 10P
NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
NPN medium power transistor
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com