Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1664 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1664
Description  MEDIUM POWER NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1664 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1664 Datasheet HTML 1Page - Unisonic Technologies 2SD1664 Datasheet HTML 2Page - Unisonic Technologies 2SD1664 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SD1664
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R208-025,A
ELECTRICAL CHARACTERISTICS CURVES
00.2
500
1
Base toEmitterVoltage:V BE(V)
Figure 1.Grounded Emitter
PropagationCharacteristics
200
12
5 10 20
200
50
Collector Current :Ic(mA)
Figure 3.DC Current Gain
vs.Collector Current (I)
100
0.4 0.6 0.8
1.6
1.4
1.2
1.0
2
5
10
VCE=6V
Ta=100℃
Ta=25℃
Ta=55℃
0
500
0
Collector toEmitterVoltage:V CE(V)
Figure 2.Grounded Emitter
OutputCharacteristics
100
0.4
0.8
1.6
2.0
1.2
200
300
400
2.0mA
IB =0mA
Ta=25℃
2.5mA
1.5mA
1.0mA
0.5mA
3.0mA
3.5mA
4.0mA
4.5
mA
50 100 200 5001000
500
1000
Ta=25℃
Vc E= 3V
VcE= 1V
12
5 10 20
200
50
Collector Current :Ic(mA)
Figure 4.DC Current Gain
vs.Collector Current (II)
100
50 100 200 500 1000
500
1000
VcE= 3V
Ta=100℃
Ta=25℃
Ta= -55 ℃
12
5
10 20
0.05
0.01
Collector Current :Ic(mA)
Figure5.Collector-emitterSaturation
Voltage vs.CollectorCurrent (I)
0.02
50 100200 5001000
0.1
0.2
0.5
Ta=25℃
IC/IB=10
20
50
100
2000
2000
IC/IB=50
IC/IB=20
12
5
10 20
0.05
0.01
Collector Current :Ic(mA)
Figure6.Collector-emitterSaturation
Voltage vs.CollectorCurrent (II)
0.02
50 100200 5001000
0.1
0.2
0.5
Ta=25℃
Ta=100℃
Ta=-40℃
IC/IB=10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com