Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1664 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1664
Description  MEDIUM POWER NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1664 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1664 Datasheet HTML 1Page - Unisonic Technologies 2SD1664 Datasheet HTML 2Page - Unisonic Technologies 2SD1664 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SD1664
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R208-025,A
MEDIUM POWER NPN
TRANSISTOR
DESCRIPTION
The UTC 2SD1664 is an epitaxial planar type NPN silicon
transistor.
FEATURES
*Low VCE(sat): VCE (sat)= 0.15V(Typ)
(Ic/IB= 500mA/50mA)
*Complement the 2SB1132.
SOT-89
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
32
V
Emitter-Base Voltage
VEBO
5
V
1
A
Collector Current
DC
PULSE (Note1)
Ic
2
A
0.5
W
Collector Power Dissipation
Pc
2 (Note2)
W
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note1: Duty=1/2,Pw=20ms
Note2: When mounted on a 40*40*0.7 mm ceramic board.
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Base Breakdown Voltage
BVCBO
Ic= 50μA
40
V
Collector Emitter Breakdown Voltage
BVCEO
Ic= 1mA
32
V
Emitter Base Breakdown Voltage
BVEBO
IE=50μA
5
V
Collector Cut-Off Current
ICBO
VCB=20V
0.5
μ
A
Emitter Cut-Off Current
IEBO
VEB= 4V
0.5
μ
A
DC Current Transfer Ratio
hFE
VCE= 3V,Ic= 100mA
82
390
Collector-Emitter Saturation Voltage
VCE(sat)
Ic/IB=500mA /50mA
0.15
0.4
V
Transition Frequency
fT
VCE=5V, IE= - 50 mA,f=100MHz
150
MHz
Output Capacitance
Cob
VCB= 10V, IE= 0 A,f=1MHz
15
pF
CLASSIFICATION OF hFE
RANK
P
Q
R
RANGE
82-180
120-270
180-390


Similar Part No. - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SD1664 ROHM-2SD1664 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
logo
Guangdong Kexin Industr...
2SD1664 KEXIN-2SD1664 Datasheet
365Kb / 3P
Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1664 SECOS-2SD1664 Datasheet
118Kb / 3P
NPN Silicon General Purpose Transistor
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
More results

Similar Description - 2SD1664

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
NPN medium power transistor
1999 Apr 08
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
NPN MEDIUM POWER TRANSISTOR
02-Oct-2007
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
NPN Medium Power Transistor
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
Medium Power NPN Transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
NPN MEDIUM POWER TRANSISTOR
Rev 2
logo
Rohm
SST2222A ROHM-SST2222A Datasheet
1Mb / 11P
NPN Medium Power Transistor
UMT4401U3HZG ROHM-UMT4401U3HZG Datasheet
1Mb / 10P
NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
NPN medium power transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com