Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1664 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD1664
Description  MEDIUM POWER NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1664 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD1664 Datasheet HTML 1Page - Unisonic Technologies 2SD1664 Datasheet HTML 2Page - Unisonic Technologies 2SD1664 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTC2SD1664
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R208-025,A
0.1 0.2
0.5 1
2
0.05
0.01
Collector to Emitter Voltage:VCE(V)
Figure 9.Safe Operation Area
0.02
510
20
50
0.1
0.2
0.001 0.01
0.1
1
10
1
0.1
Time:t(s)
Figure 10 .Transient Thermal Resistance
100
100
1000
10
1000
-1
20
Emitter Current :IB(mA)
Figure 7.Gain Bandwidth Product
vs. Emitter Current
50
-2
-5
-20
-50
-10
100
200
-100
Ta=25
℃
VCE =5V
0.5
10
Collector to Base Voltage:VCB(V)
Figure 8. Collector Output Capacitance
vs.Collector-base Voltage
20
1
2
10
20
5
50
100
f=1MHz
Ta=25
℃
IB=0A
0.5
1
2
5
Ta=25
℃
*Single pulse
Ta=25
℃
5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com