Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC114TKA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC114TKA
Description  NPN Digital Transistors (Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC114TKA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DTC114TKA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC114TKA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTC114TE/DTC114TUA/DTC114TKA
DTC114TCA/TC114TSA
NP
N Digital Transistors (Built-in Resistors)
FEATURES
* Built-in bias resistors enable the configuration of
an inverter circuit without connecting input resistors
* Only the on/off confitions need to be set for operation,
making device design easy.
* The bias resistors consis of thin-film resistors with
compete isolation to allow negative biasing of the
input. They also have the advantage of almost
completely eliminating parasitic effects.
Elektronische Bauelemente
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
l
01-Jun-2002 Rev. A
Page 1 of 2
PIN CONNENCTIONS AND MARKING
(1) Emitter
(2) Collector
(3) Base
(1) Base
(2) Emitter
(3) Collector
(1) Base
(2) Emitter
(3) Collector
(1) Base
(2) Emitter
(3) Collector
(1) Base
(2) Emitter
(3) Collector
(1) Base
(2) Emitter
(3) Collector
(1) Base
(2) Emitter
(3) Collector
(1) Base
(2) Emitter
(3) Collector
Abbreviated symbol: 04
Abbreviated symbol:04
Abbreviated symbol: 04
Abbreviated symbol: 04
SOT-523
SOT-23-3L
SOT-23
SOT-323
TO-92S
DTC114TE
DTC114TUA
DTA114ECA
DTC114TCA
DTC114TKA
DTC114TSA


Similar Part No. - DTC114TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114TKA ROHM-DTC114TKA Datasheet
103Kb / 4P
Digital transistors (built in resistor)
logo
Jiangsu Changjiang Elec...
DTC114TKA JIANGSU-DTC114TKA Datasheet
96Kb / 2P
Digital transistors (built-in resistors)
logo
Rohm
DTC114TKA ROHM-DTC114TKA Datasheet
85Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC114TKA RECTRON-DTC114TKA Datasheet
348Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
logo
Micro Commercial Compon...
DTC114TKA MCC-DTC114TKA Datasheet
1Mb / 2P
NPN Digital Transistor
More results

Similar Description - DTC114TKA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
NPN Digital Transistors (Built-in Resistors)
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
NPN Digital Transistors(Built-in Resistors)
logo
Cystech Electonics Corp...
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
NPN Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com