Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC114TKA Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DTC114TKA
Description  NPN Digital Transistors (Built-in Resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTC114TKA Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DTC114TKA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTC114TKA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01-Jun-2002 Rev. A
Page 2 of 2
Elektronische Bauelemente
MAXIMUM RATINGS* TA=25℃ unless otherwise noted
LIMITS(DTC114T□)
Symbol
Parameter
E
UA
KA
CA
SA
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
100
mA
PC
Collector Dissipation
150
200
300
mW
Tj
Junction temperature
150
TJ, Tstg
Junction and Storage Temperature
-55~+150
ELECTRICAL
CHARACTERISTICS (Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
50µA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=50V,IE=0
0.5
uA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.5
uA
DC current gain
hFE
VCE=5V,IC=1mA
100
300
600
Collector-emitter saturation voltage
VCE(sat)
IC=10mA,IB=1mA
0.3
V
Transition frequency
fT
VCE=10V,IE=-5mA, f=100MHz
250
MHz
Imput resistor
R1
7
10
13
Typical Characteristics
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
DTC114TE/DTC114TUA/DTC114TKA
DTC114TCA/TC114TSA
NP
N Digital Transistors (Built-in Resistors)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com