Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54GTL16612WD Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54GTL16612WD
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54GTL16612WD Datasheet(HTML) 2 Page - Texas Instruments

  SN54GTL16612WD Datasheet HTML 1Page - Texas Instruments SN54GTL16612WD Datasheet HTML 2Page - Texas Instruments SN54GTL16612WD Datasheet HTML 3Page - Texas Instruments SN54GTL16612WD Datasheet HTML 4Page - Texas Instruments SN54GTL16612WD Datasheet HTML 5Page - Texas Instruments SN54GTL16612WD Datasheet HTML 6Page - Texas Instruments SN54GTL16612WD Datasheet HTML 7Page - Texas Instruments SN54GTL16612WD Datasheet HTML 8Page - Texas Instruments SN54GTL16612WD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN54GTL16612, SN74GTL16612
18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
SCBS480K – JUNE 1994 – REVISED JULY 2005
Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch-enable(LEAB and LEBA), and
clock (CLKAB and CLKBA) inputs. The clock can be controlled by the clock-enable (CEAB and CEBA) inputs.
For A-to-B data flow, the devices operate in the transparent mode when LEAB is high. When LEAB is low, the A
data is latched if CEAB is low and CLKAB is held at a high or low logic level. If LEAB is low, the A data is stored
in the latch/flip-flop on the low-to-high transition of CLKAB if CEAB also is low. When OEAB is low, the outputs
are active. When OEAB is high, the outputs are in the high-impedance state. Data flow for B to A is similar to that
for A to B, but uses OEBA, LEBA, CLKBA, and CEBA.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
Active bus-hold circuitry holds unused or undriven LVTTL inputs at a valid logic state. Use of pullup or pulldown
resistors with the bus-hold circuitry is not recommended.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74GTL16612DL
SSOP – DL
GTL16612
–40
°C to 85°C
Tape and reel
SN74GTL16612DLR
TSSOP – DGG
Tape and reel
SN74GTL16612DGGR
GTL16612
–55
°C to 125°C
CFP – WD
Tube
SNJ54GTL16612WD
SNJ54GTL16612WD
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE(1)
INPUTS
OUTPUT
MODE
B
CEAB
OEAB
LEAB
CLKAB
A
X
H
X
X
X
Z
Isolation
L
L
L
H
X
B0(2)
Latched storage of A data
L
L
L
L
X
B0(3)
X
L
H
X
L
L
Transparent
X
L
H
X
H
H
L
L
L
↑
L
L
Clocked storage of A data
L
L
L
↑
H
H
H
L
L
X
X
B0(3)
Clock inhibit
(1)
A-to-B data flow is shown. B-to-A data flow is similar, but uses OEBA, LEBA, CLKBA, and CEBA.
(2)
Output level before the indicated steady-state input conditions were established, provided that CLKAB was high before LEAB went low
(3)
Output level before the indicated steady-state input conditions were established
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com