Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54GTL16612WD Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54GTL16612WD
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54GTL16612WD Datasheet(HTML) 1 Page - Texas Instruments

  SN54GTL16612WD Datasheet HTML 1Page - Texas Instruments SN54GTL16612WD Datasheet HTML 2Page - Texas Instruments SN54GTL16612WD Datasheet HTML 3Page - Texas Instruments SN54GTL16612WD Datasheet HTML 4Page - Texas Instruments SN54GTL16612WD Datasheet HTML 5Page - Texas Instruments SN54GTL16612WD Datasheet HTML 6Page - Texas Instruments SN54GTL16612WD Datasheet HTML 7Page - Texas Instruments SN54GTL16612WD Datasheet HTML 8Page - Texas Instruments SN54GTL16612WD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
SN54GTL16612 . . . WD PACKAGE
SN74GTL16612 . . . DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
OEAB
LEAB
A1
GND
A2
A3
VCC (3.3 V)
A4
A5
A6
GND
A7
A8
A9
A10
A11
A12
GND
A13
A14
A15
VCC (3.3 V)
A16
A17
GND
A18
OEBA
LEBA
CEAB
CLKAB
B1
GND
B2
B3
VCC (5 V)
B4
B5
B6
GND
B7
B8
B9
B10
B11
B12
GND
B13
B14
B15
VREF
B16
B17
GND
B18
CLKBA
CEBA
DESCRIPTION/ORDERING INFORMATION
SN54GTL16612, SN74GTL16612
18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
SCBS480K – JUNE 1994 – REVISED JULY 2005
•
Members of Texas Instruments Widebus™
Family
•
UBT™ Transceivers Combine D-Type Latches
and D-Type Flip-Flops for Operation in
Transparent, Latched, Clocked, or
Clock-Enabled Modes
•
OEC™ Circuitry Improves Signal Integrity and
Reduces Electromagnetic Interference
•
Translate Between GTL/GTL+ Signal Levels
and LVTTL Logic Levels
•
Support Mixed-Mode (3.3 V and 5 V) Signal
Operation on A-Port and Control Inputs
•
Identical to '16601 Function
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors on
A Port
•
Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
•
Latch-Up Performance Exceeds 500 mA Per
JESD 17
The
'GTL16612
devices
are
18-bit
UBT™
transceivers
that
provide
LVTTL-to-GTL/GTL+
and
GTL/GTL+-to-LVTTL signal-level translation. They combine D-type flip-flops and D-type latches to allow for
transparent, latched, clocked, and clock-enabled modes of data transfer identical to the '16601 function. The
devices provide an interface between cards operating at LVTTL logic levels and a backplane operating at
GTL/GTL+ signal levels. Higher-speed operation is a direct result of the reduced output swing (<1 V), reduced
input threshold levels, and OEC™ circuitry.
The user has the flexibility of using these devices at either GTL (VTT = 1.2 V and VREF = 0.8 V) or the preferred
higher noise margin GTL+ (VTT = 1.5 V and VREF = 1 V) signal levels. GTL+ is the Texas Instruments derivative
of the Gunning Transceiver Logic (GTL) JEDEC standard JESD 8-3. The B port normally operates at GTL or
GTL+ signal levels, while the A-port and control inputs are compatible with LVTTL logic levels and are 5-V
tolerant. VREF is the reference input voltage for the B port.
VCC (5 V) supplies the internal and GTL circuitry while VCC (3.3 V) supplies the LVTTL output buffers.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, UBT, OEC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54GTL16612WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16612 TI2-SN54GTL16612 Datasheet
584Kb / 17P
18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
REVISED JULY 2005
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612AWD TI-SN54GTL16612AWD Datasheet
261Kb / 15P
18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN54GTL16612WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
18-Oct-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com