Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP50 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # TIP50
Description  POWER TRANSISTORS(1.0A,250-400V,40W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

TIP50 Datasheet(HTML) 1 Page - Mospec Semiconductor

  TIP50 Datasheet HTML 1Page - Mospec Semiconductor TIP50 Datasheet HTML 2Page - Mospec Semiconductor TIP50 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - TIP50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
POWER TRANSISTORS NPN SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP50 POINN-TIP50 Datasheet
119Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP50 STMICROELECTRONICS-TIP50 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
logo
Transys Electronics
TIP50 TRSYS-TIP50 Datasheet
763Kb / 6P
NPN SILICON POWER TRANSISTORS
More results

Similar Description - TIP50

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
2SC2826 MOSPEC-2SC2826 Datasheet
121Kb / 3P
POWER TRANSISTORS(3.0A,400V,40W)
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
POWER TRANSISTOR(7A,400V,40W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
POWER TRANSISTORS(7A,40W)
BD241 MOSPEC-BD241 Datasheet
133Kb / 3P
POWER TRANSISTORS(3A,40W)
MJE13002 MOSPEC-MJE13002 Datasheet
182Kb / 4P
POWER TRANSISTORS(1.5A,300-400V,40W)
MU11 MOSPEC-MU11 Datasheet
140Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
SU11 MOSPEC-SU11 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com