Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFC-3AS Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FFC-3AS
Description  Fused Coupler, Single Window
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFC-3AS Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FFC-3AS Datasheet HTML 1Page - JDS Uniphase Corporation FFC-3AS Datasheet HTML 2Page - JDS Uniphase Corporation FFC-3AS Datasheet HTML 3Page - JDS Uniphase Corporation FFC-3AS Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FUSED COUPLER, SINGLE WINDOW
Insertion Loss
Coupling Ratio
Attenuation
Grade
Signal Path
Tap Path (or Attenuator Path)
Insertion Loss (Min./Max.)
Insertion Loss (Min./Max.)
1%
20 dB
1
NA/0.2 dB
17.4/21.5 dB
1%
20 dB
2
NA/0.3 dB
15/22 dB
2%
17 dB
1
NA/0.2 dB
16.4/19 dB
2%
17 dB
2
NA/0.3 dB
15.3/18.2 dB
3%
15 dB
1
NA/0.3 dB
14.5/17.5 dB
3%
15 dB
2
NA/0.4 dB
12.8/19.5 dB
5%
13 dB
1
NA/0.4 dB
11.8/14.6 dB
5%
13 dB
2
NA/0.5 dB
10.6/18.9 dB
10%
10 dB
1
0.4/0.6 dB
9.6/10.8 dB
10%
10 dB
2
0.3/0.8 dB
8.3/12 dB
20%
7 dB
1
0.9/1.2 dB
6.5/7.4 dB
20%
7 dB
2
0.8/1.3 dB
6.2/8 dB
30%
5.2 dB
1
1.4/1.8 dB
4.9/5.6 dB
30%
5.2 dB
2
1.3/2 dB
4.5/6.1 dB
33%
4.8 dB
1
1.6/2.1 dB
4.4/5.2 dB
33%
4.8 dB
2
1.4/2.3 dB
4/5.7 dB
40%
4 dB
1
2/2.5 dB
3.7/4.4 dB
40%
4 dB
2
1.8/2.8 dB
3.3/4.8 dB
50%
3 dB
1
2.7/3.4 dB
2.7/3.4 dB
50%
3 dB
2
2.6/3.6 dB
2.6/3.6 dB
Specifications
Parameter (50/50 coupling ratio)
Grade 1
Grade 2
Center wavelength
1310, 1480, 1550, 1590 nm
1310, 1480, 1550, 1590 nm
Insertion loss (without connectors)
Maximum
3.4 dB
3.6 dB
Excess loss (without connectors)
Typical
0.1 dB
0.3 dB
Uniformity
Maximum
0.6 dB
1.0 dB
Polarization dependent loss
Maximum
0.1 dB
0.15 dB
Optical return loss
Minimum
50 dB
50 dB
Directivity
Minimum
55 dB
55 dB
Temperature coefficient
Typical
0.002 dB/°C
0.002 dB/°C
Package dimensions
S package (D x L)
3.0 x 54 mm
3.0 x 54 mm
L package (D x L)
3.6 x 70 mm
3.6 x 70 mm
H package (L x W x H)
85 x 17.8 x 7.5 mm
85 x 17.8 x 7.5 mm
Operating temperature 1
-40 to 85 °C
-40 to 85 °C
Storage temperature 1
-50 to 85 °C
-50 to 85 °C
1.
20 to 70 °C for 3.0 mm cable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com