Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FFC-3AS Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # FFC-3AS
Description  Fused Coupler, Single Window
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFC-3AS Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  FFC-3AS Datasheet HTML 1Page - JDS Uniphase Corporation FFC-3AS Datasheet HTML 2Page - JDS Uniphase Corporation FFC-3AS Datasheet HTML 3Page - JDS Uniphase Corporation FFC-3AS Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
LC and ST are registered trademarks of Lucent Technologies.
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: FFC-CKS11B110
FUSED COUPLER, SINGLE WINDOW
Code
Coupling Ratio
11%
22%
33%
55%
A
10%
C
20%
E
30%
F
33%
H
40%
K
50%
Code
Configuration
01x1 (attenuator)
11x2
22x2
Code
Grade
1Grade 1
2Grade 2
Code
Passband
Wavelength
3
1480±40 nm
4
1310±40 nm
C
1550±40 nm
L
1590±40 nm
FFC-
Code
Housing
H
Ø 3.0 mm cable
L
Ø 900 µm fiber
S
Ø 250 µm fiber
Code
Pigtail Length
00.5 meter
11 meter
22 meters
33 meters
44 meters
55 meters
66 meters
77 meters
88 meters
9
9 meters
A
10 meters
Code
Connectors
0NONE
1FC/PC
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6BICONIC
7D4
8
ST
9
FC/UPC
A
SC/UPC
BLC
CMU
Code
Bandwidth
B
Broadband
Code
Fiber Type
1Corning SMF-28
B
1
Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 10113913 Rev. 003 10/05 FFCSW.DS.CC.AE
March 2007



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com