Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2A2 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # HZ2A2
Description  Silicon Planar Zener Diode for Stabilized Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HZ2A2 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  HZ2A2 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HZ2A2 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH HZ2A2 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH HZ2A2 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH HZ2A2 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
HZ xx Series
VOLTAGE 1.6 ~ 38 V, 500 mW
Silicon Planar Zener Diode
for Stabilized Power Supply
01-June-2003 Rev. B
Page 1 of 5
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low leakage, low zener impedance and
maximum power dissipation of 500 mW
are ideally suited for stabilized power supply, etc.
Wide spectrum from 1.6 V through 38 V of zener voltage
provides flexible application.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified)
TYPE NUMBER
SYMBOL
VALUES
UNITS
Power Dissipation
PD
500
mW
Storage temperature
TJ, TSTG
175, -55~175
℃
ELECTRICAL RATINGS
(Rating 25°C ambient temperature unless otherwise specified)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)
*1
Test
Condition
IR (uA)
Test
Condition
RD (Ω)
Test
Condtion
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
A1
1.6
1.8
A2
1.7
1.9
A3
1.8
2.0
5
25
0.5
100
5
B1
1.9
2.1
B2
2.0
2.2
B3
2.1
2.3
C1
2.2
2.4
C2
2.3
2.5
HZ2
C3
2.4
2.6
5
5
0.5
100
5
A1
2.5
2.7
A2
2.6
2.8
A3
2.7
2.9
B1
2.8
3.0
B2
2.9
3.1
B3
3.0
3.2
C1
3.1
3.3
C2
3.2
3.4
HZ3
C3
3.3
3.5
5
5
0.5
100
5
Note: 1. Tested with DC.
Ø 0.52
Ø 2.0
DO-35
Dimensions in mm


Similar Part No. - HZ2A2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ2A2 RENESAS-HZ2A2 Datasheet
55Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
Hitachi Semiconductor
HZ2A2 HITACHI-HZ2A2 Datasheet
45Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZ2A2 SEMTECH_ELEC-HZ2A2 Datasheet
261Kb / 4P
SILICON EPITAXIAL PLANER ZENER DIODES
logo
Nanjing International G...
HZ2A2 DGNJDZ-HZ2A2 Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
logo
GUANGDONG HOTTECH INDUS...
HZ2A2 HOTTECH-HZ2A2 Datasheet
385Kb / 4P
Glass-Encapsulate Diodes
More results

Similar Description - HZ2A2

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZH RENESAS-HZH Datasheet
68Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com