Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2A2 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # HZ2A2
Description  Silicon Planar Zener Diode for Stabilized Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

HZ2A2 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  HZ2A2 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH HZ2A2 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH HZ2A2 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH HZ2A2 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH HZ2A2 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Elektronische Bauelemente
HZ xx Series
VOLTAGE 1.6 ~ 38 V, 500 mW
Silicon Planar Zener Diode
for Stabilized Power Supply
01-June-2003 Rev. B
Page 4 of 5
ELECTRICAL RATINGS
(Rating 25°C ambient temperature unless otherwise specified)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)
*1
Test
Condition
IR (uA)
Test
Condition
RD (Ω)
Test
Condtion
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
-1
18.8
19.7
-2
19.5
20.4
HZ20
-3
20.2
21.1
2
1
15.0
60
2
-1
20.9
21.9
-2
21.6
22.6
HZ22
-3
22.3
23.3
2
1
17.0
65
2
-1
22.9
24.0
-2
23.6
24.7
HZ24
-3
24.3
25.5
2
1
19.0
70
2
-1
25.2
26.6
-2
26.2
27.6
HZ27
-3
27.2
28.6
2
1
21.0
80
2
-1
28.2
29.6
-2
29.2
30.6
HZ30
-3
30.2
31.6
2
1
23.0
100
2
-1
31.2
32.6
-2
32.2
33.6
HZ33
-3
33.2
34.6
2
1
25.0
120
2
-1
34.2
35.7
-2
35.3
36.8
HZ36
-3
36.4
38.0
2
1
27.0
140
2
Note: 1. Tested with DC
2. Type No. is as follows; HZ2B1, HZ2B2, HZ36-3.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com