Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD104 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD104
Description  1 AMP Surface Mount Schottky B arrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD104 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MSCD104 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD104 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MSCD104
VOLTAGE 40V
1 AMP Surface Mount Schottky Barrier Re ctifie rs
0805
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
High surge capacity
For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarit y : Laser marking
Weight : 0.005 gram
*
*
*
*
*
*
*
*
*
*
*
*
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
MSCD104
Maximum Recurrent Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
Maximum Instantaneous Forward Voltage at 1.0A (Note1)
VF
V
Typical Thermal Resistance (Note 2)
JL
28
/ W
Unit
40
V
V
1
A
V
40
40
A
3
0.52
0.1
5
℃
Maximum DC Reverse Current (Note1) Ta=25
at Rated DC Blocking Voltage Ta=100
IR
mA
Rθ
JA
88
Operating Temperature Range
TJ
-50 ~ +125
Storage Temperature Range
TSTG
-65 ~ +150
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
*Dimensions in inches and (millimeters)
.083(2.10)
R 0.
012
(0.3
0)
.075(1.90)
.024(0.60)
.016(0.40)
.024(0.60)
.016(0.40)
.002(0.05)
01-Jun-2002 Rev. A
Page 1 of 2
℃
Rθ
℃
℃
Marking: MSCD104 = A4
*
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MSCD104

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MSCD104 ZOWIE-MSCD104 Datasheet
76Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
MSCD104 SECOS-MSCD104 Datasheet
177Kb / 3P
Voltage 20 V ~ 60 V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
MSCD104H ZOWIE-MSCD104H Datasheet
186Kb / 2P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
MSCD104L SECOS-MSCD104L Datasheet
209Kb / 2P
Voltage 40 V 1.0 Amp Low VF Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
Low VF Schottky Barrier Diode
More results

Similar Description - MSCD104

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCD22L SECOS-SCD22L Datasheet
320Kb / 2P
VOLTAGE 20V ~ 40V 2.0 AMP Low Vf Schottky B arrier Rectifiers
logo
Microsemi Corporation
UPS5817E3 MICROSEMI-UPS5817E3 Datasheet
315Kb / 4P
POWERMITE 1??SURFACE MOUNT 1 AMP 20 and 40 V SCHOTTKY RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM160PT SECOS-SM160PT Datasheet
197Kb / 2P
60 V 1 Amp Surface Mount Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
YS15S50PSL YEASHIN-YS15S50PSL Datasheet
755Kb / 3P
SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
YS15S50SL YEASHIN-YS15S50SL Datasheet
500Kb / 3P
SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
YS20U45SL YEASHIN-YS20U45SL Datasheet
1Mb / 3P
2 0A SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
YS1045SL YEASHIN-YS1045SL Datasheet
608Kb / 3P
10A SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD32L SECOS-SCD32L_15 Datasheet
609Kb / 2P
3.0 AMP Low Vf SchottkyB arrier Rectifiers
logo
Bytesonic Electronics C...
1N5817WS BYTESONIC-1N5817WS Datasheet
523Kb / 3P
1 A Surface Mount Schottky B arrier Diode
2019/7/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com