Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2113 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S2113
Description  CMOS Positive Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2113 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2113 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2113 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2113 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2113 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S2113 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
S2113
CMOS Positive
Voltage Regulator
Description
The
S2113 series of positive,linear regulators feature low quiescent
current (30uA typ.) with low dropout voltage, making them ideal
* Factory Pre-set Output Voltage
Features
*
High Accurate
*
Over-Temperature Shutdown
±
1.5%
* Very Low Dropout Voltage
* Low Temperature Coefficient
* Short Circuit Current Fold-back
* Guaranteed 300mA output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Electronic Scales
* Instrumentation
* Cordless Phones
for battery applications. These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the "Worst" of
operating conditions. The S2113 is stable with an output capacitance of
2.2uF or greater.
01-Jun-2002 Rev. A
Page 1 of
5
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Application Circuit
Block Diagram
S2113
e1
b
e
SEATING
PLANE
b1
D
C
S1
E
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Millimeter
Millimeter
TO-92


Similar Part No. - S2113

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S211 SSOUSA-S211 Datasheet
197Kb / 4P
Dual 1 Form A Solid State Relay
logo
Microsemi Corporation
S21100 MICROSEMI-S21100 Datasheet
129Kb / 2P
Silicon Power Rectifier
S21100 MICROSEMI-S21100 Datasheet
129Kb / 2P
SILICON POWER RECTIFIER
logo
Stontronics Ltd.
S2110ST STONTRONICS-S2110ST Datasheet
1Mb / 2P
DSA-151A-XX 15 Watt Series Safety Certifications
logo
List of Unclassifed Man...
S2112 ETC2-S2112 Datasheet
125Kb / 3P
NAVIGATE THE CATALOG BY SECTION
More results

Similar Description - S2113

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5M2163 SECOS-S5M2163 Datasheet
957Kb / 7P
CMOS Positive Voltage Regula tor
S62VP SECOS-S62VP Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SN2133 SECOS-SN2133 Datasheet
587Kb / 5P
CMOS Positive Voltage Regula tor
SQ2113 SECOS-SQ2113 Datasheet
958Kb / 5P
CMOS Positive Voltage Regula tor
SQ2131 SECOS-SQ2131 Datasheet
1,002Kb / 5P
CMOS Positive Voltage Regula tor
SQ2143 SECOS-SQ2143 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
SQ2153 SECOS-SQ2153 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2163 SECOS-SQ2163 Datasheet
1Mb / 7P
CMOS Positive Voltage Regula tor
SQ2181 SECOS-SQ2181 Datasheet
1Mb / 5P
CMOS Positive Voltage Regula tor
ST2123 SECOS-ST2123 Datasheet
1Mb / 8P
CMOS Positive Voltage Regula tor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com