Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2113 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S2113
Description  CMOS Positive Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2113 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S2113 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2113 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2113 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2113 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S2113 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
S2113-15
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
S2113-25
S2113-2H
S2113-29
S2113-31
S2113-34
S2113-36
S2113-38
3P152
1.5V
2.5V
2.85V
2.9V
3.1V
3.4V
3.6V
3.8V
S2113-18
S2113-27
S2113-28
S2113-30
S2113-33
S2113-35
S2113-37
1.8V
2.7V
2.8V
3.0V
3.3V
3.5V
3.7V
XX
3P252
XX
3P2H2
XX
3P292
XX
3P312
XX
3P342
XX
3P362
XX
3P382
XX
3P182
XX
3P272
XX
3P282
XX
3P302
XX
3P332
XX
3P352
XX
3P372
XX
Characteristics Curve
Ordering Information(contd.)
S2113
CMOS Positive
Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com