Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD22 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD22
Description  VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD22 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD22 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD22 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD22 THRU SCD26
VOLTAGE 20V ~ 60V
2.0 AMP Surf ace Mount Schottky Barrier Rectifiers
2010
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
High surge capacity
For using in low voltage high frequency switching power supply
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarit y : Laser marking
Weight : 0.02 gram
*
*
*
*
*
*
*
*
*
*
*
*
*
,
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
0.50
40
40
40
SCD24
2.0
50
0.5
20
20
20
20
SCD22
0.70
10
60
60
60
SCD26
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Working Peak Reverse Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
A
superimposed on rated load (JEDEC method)
IFSM
A
Maximum Instantaneous Forward Voltage at 2.0A (Note1)
VF
V
Maximum DC Reverse Current (Note1) Ta=25
。
C
=100
。
C
at Rated DC Blocking Voltage Ta
IR
mA
R
θJA
88
Units
Peak Forward Surge Current, 8.3 ms single half sine-wave
Typical Thermal Resistance (Note 2)
RθJL
28
℃
/ W
Operating Temperature Range
TJ
-50 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeC oSGmbH.com/
Any changing of specification will not be informed individual
0.091(2.30)
R0.020(0.50)
0.083(2.10)
0.045(1.15)
0.029(0.75)
0.046(1.16)
0.034(0.86)
.181(4.60)
.002(0.05)
.173(4.40)
0.045(1.15)
0.029(0.75)
* Dimensions in inches and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 2
℃
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD22

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD22 ZOWIE-SCD22 Datasheet
123Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SCD220H ZOWIE-SCD220H Datasheet
221Kb / 2P
Schottky Barrier Diode
SCD220H ZOWIE-SCD220H Datasheet
221Kb / 2P
Schottky Barrier Diode
logo
Cornell Dubilier Electr...
SCD224K122A3Z25-F CDE-SCD224K122A3Z25-F Datasheet
297Kb / 2P
IGBT Snubber Capacitor Modules
SCD224K122A3Z25-F CDE-SCD224K122A3Z25-F Datasheet
104Kb / 4P
High dV/dt Direct Mount IGBT Snubber
More results

Similar Description - SCD22

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD12 SECOS-SCD12 Datasheet
320Kb / 2P
VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD2100 SECOS-SCD2100 Datasheet
362Kb / 2P
VOLTAGE 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
SM520B SECOS-SM520B_12 Datasheet
403Kb / 2P
Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
SM220AF SECOS-SM220AF Datasheet
237Kb / 2P
20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SK22A FS-SK22A Datasheet
189Kb / 3P
VOLTAGE 20V ~ 60V 2.0AMP Surface Mount Schottky Barrier Rectifiers
SK32 FS-SK32 Datasheet
299Kb / 3P
VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32A FS-SK32A Datasheet
186Kb / 3P
VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com