Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS157V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS157V
Description  0.35Amp 40V Low Vf Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS157V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS157V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS157V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individua l
SCS157V
0.35Amp 40V Low Vf Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Extremely Low Thermal Resistance
For Surface Mount Application
Low Forward Voltage
...
.
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
UNITS
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
SCS157V
40
40
V
Working Peak Reverse Voltage
Maximum DC Blocking Voltag
40
Average Forward Current (I
@ T =90 C)
Reak Forward Current (I
@ 8.3ms half sine)
Maximum Instantaneous Forward Voltage
(V @I
= 350mA , T = 25 C)
Maximum DC Reverse Current
At Rated DC Blocking Voltage (I @ T = 25 C)
Typical Junction Capacitance (C )
0.35
5
0.35
1.0
120
A
A
V
mA
pF
F(AV)
FSM
J
F
FM
A
J
R
J
Operating Temperature Range TJ
Storage Temperature Range TSTG
-50
+150
-65
+175
C
C
Higher Temp Soldering : 260 C for 10 Seconds At Terminals
SOD-323(SC-76)
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
V
Maximum Instantaneous Forward Voltage
(VF@I FM = 1.0A , TA = 25 C)
0.55
V
V
Marking Code: SL
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS157V

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SCS15120 GWSEMI-SCS15120 Datasheet
402Kb / 5P
1200V/15A SiC Schottky Barrier Diode
logo
Microchip Technology
SCS152 MICROCHIP-SCS152 Datasheet
182Kb / 16P
KEELOQ Token Card Chip
1997
SCS152-IS MICROCHIP-SCS152-IS Datasheet
182Kb / 16P
KEELOQ Token Card Chip
1997
SCS152-IW MICROCHIP-SCS152-IW Datasheet
182Kb / 16P
KEELOQ Token Card Chip
1997
SCS152-IWF MICROCHIP-SCS152-IWF Datasheet
182Kb / 16P
KEELOQ Token Card Chip
1997
More results

Similar Description - SCS157V

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SD103A SECOS-SD103A Datasheet
364Kb / 2P
0.35AMP Schottky Barrier Rectifiers
SD103AW SECOS-SD103AW Datasheet
308Kb / 2P
0.35AMP Surface Mount Schottky Barrier Rectifiers
SD103AWS SECOS-SD103AWS Datasheet
370Kb / 2P
0.35AMP Surf ace Mount Schottky Barrier Rectifiers
SMD103A SECOS-SMD103A Datasheet
1Mb / 2P
0.35AMP Schottky Barrier Rectifiers
SD103AW SECOS-SD103AW_15 Datasheet
309Kb / 2P
0.35AMP Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
PACELEADER INDUSTRIAL
PSL24-N PACELEADER-PSL24-N Datasheet
415Kb / 4P
1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com