Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152 Datasheet (PDF) - Microchip Technology

SCS152 Datasheet PDF - Microchip Technology
Part # SCS152
Download  SCS152 Download
File Size   182.32 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ Token Card Chip

SCS152 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCS152 Datasheet PDF - Microchip Technology

Part # SCS152
Download  SCS152 Click to download

File Size   182.32 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ Token Card Chip

SCS152 Datasheet (HTML) - Microchip Technology


SCS152 Product details

DESCRIPTION
The SCS152 is a third generation token card integrated circuit intended for prepaid applications. Typical applications of the SCS152 include disposable telephone cards, vending machine cards, low value debit cards, access control, and authentication.

FEATURES
• ISO 7816-3:1989 “Answer to Reset” compatible for synchronous cards
• Industry standard 4406 command set compatible
• Extended commands:
    - Combined WRITE and ERASE-WITH-CARRY function
    - Cryptographic signature of the EEPROM contents and challenge
• 40-bit user programmable area with lock bit
• 64-bit cryptographic key
• 64-bit transport code
• 33352 token units (788888)
• Internal protection against token counter value corruption (anti-tearing)




Similar Part No. - SCS152

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SCS15120 GWSEMI-SCS15120 Datasheet
402Kb / 5P
1200V/15A SiC Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
0.35Amp 40V Low Vf Schottky Barrier Rectifiers
More results


Similar Description - SCS152

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
KEELOQ CODE HOPPING DECODER
2002
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
logo
PCA ELECTRONICS INC.
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
Token Ring Transceiver
logo
Microchip Technology
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com