Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152 Datasheet(PDF) 2 Page - Microchip Technology

Part # SCS152
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152 Datasheet(HTML) 2 Page - Microchip Technology

  SCS152 Datasheet HTML 1Page - Microchip Technology SCS152 Datasheet HTML 2Page - Microchip Technology SCS152 Datasheet HTML 3Page - Microchip Technology SCS152 Datasheet HTML 4Page - Microchip Technology SCS152 Datasheet HTML 5Page - Microchip Technology SCS152 Datasheet HTML 6Page - Microchip Technology SCS152 Datasheet HTML 7Page - Microchip Technology SCS152 Datasheet HTML 8Page - Microchip Technology SCS152 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SCS152
DS40150B-page 2
Preliminary
© 1997 Microchip Technology Inc.
1.0
PIN DEFINITIONS
2.0
DEVICE OPERATION
During the life of the SCS152, it goes through the fol-
lowing stages:
• Manufacture and wafer probing
• Waffle pack and transportation
• Personalization and final application.
Various fields in the memory map must be initialized.
These include the first 24 bits in the memory map, the
transport code, and the mode bits. The first 24 bits in
the memory map typically identifies the device in its
final application. The device has two principle modes:
issuer mode and user mode. In issuer mode, all access
to the device (except one field) is blocked before a cor-
rect transport code has been presented to the device.
Thus, the transport code protects the device against
theft, before it is personalized.
During
personalization,
all
fields,
except
(Chip
Identification Data (CID), are initialized for the intended
application: the device serial number is programmed,
the token counter is set to its proper value, the user
data field is initialized, and the transport code is erased
and replaced with a cryptographic key.
After power has been applied to the device, the I/O pin
is driven low. Once the reset period (TPOR) has expired,
the SCS152 is ready to accept commands. These com-
mands typically read the memory content serially. The
first bit at address 0 is initially driven on the I/O line.
Each read clock pulse increments the internal address
counter and reads the resulting bit from EEPROM. This
serial data stream is composed of various fields pre-
sented in Table 2-1.
2.1
CID Field
The device CID field contains a device identification
code, which is programmed during wafer probe and
cannot be changed later. These bits typically identify
the type of the device to the system in the application.
2.2
SER Field
The SER field contains the device serial number which
identifies the individual device. It is programmed while
the device is in issuer mode during the personalization
stage.
2.3
ISS Field
The ISS field indicates whether the device is in issuer
mode as determined by the CFG field. This is purely an
external view of the CFG field and exists as such for
compatibility reasons.
ISO
Pin Name
I/O Type
Description
C1
VDD
Power
Power connection
C2
SCI
INPUT
Command input to the device controller
C3
SCK
INPUT
Command execution clock input
C5
GND
Power
Power connection
C7
SDIO
Bidir (O.D.)
Open drain serial data I/O line
TABLE 2-1:
EXTERNAL
REPRESENTATION OF THE
INTERNAL MEMORY MAP
Field
Name
Address
Size
Description
CID
0…23
24
Chip identification
data
SER
24…63
40
Serial number
ISS
64
1
Issuer mode status
D4
65…71
7
Digit 4
D3
72…79
8
Digit 3
D2
80…87
8
Digit 2
D1
88…95
8
Digit 1
D0
96…103
8
Digit 0
CFG
104…107
4
Configuration data
USER0
108…147
40
User area
UKEY0
148…211
64
Key area 0 which
also acts as the
transport code in
issuer mode
212…275
64
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com