Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152 Datasheet(PDF) 1 Page - Microchip Technology

Part # SCS152
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152 Datasheet(HTML) 1 Page - Microchip Technology

  SCS152 Datasheet HTML 1Page - Microchip Technology SCS152 Datasheet HTML 2Page - Microchip Technology SCS152 Datasheet HTML 3Page - Microchip Technology SCS152 Datasheet HTML 4Page - Microchip Technology SCS152 Datasheet HTML 5Page - Microchip Technology SCS152 Datasheet HTML 6Page - Microchip Technology SCS152 Datasheet HTML 7Page - Microchip Technology SCS152 Datasheet HTML 8Page - Microchip Technology SCS152 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40150B-page 1
M
SCS152
FEATURES
• ISO 7816-3:1989 “Answer to Reset” compatible
for synchronous cards
• Industry standard 4406 command set compatible
• Extended commands:
- Combined WRITE and
ERASE-WITH-CARRY function
- Cryptographic signature of the EEPROM
contents and challenge
• 40-bit user programmable area with lock bit
• 64-bit cryptographic key
• 64-bit transport code
• 33352 token units (788888)
• Internal protection against token counter value
corruption (anti-tearing)
DESCRIPTION
The SCS152 is a third generation token card integrated
circuit intended for prepaid applications. Typical appli-
cations of the SCS152 include disposable telephone
cards, vending machine cards, low value debit cards,
access control, and authentication.
The SCS152 incorporates several security features,
including an internal signature function and a long
transport code. The SCS152 has two modes – issuer
mode and user mode. During wafer testing, it is placed
in issuer mode for card manufacturing and transporta-
tion to the issuer. In issuer mode, the transport code is
needed to program the device and, thus, is protected
from unauthorized use before personalization by the
issuer.
During personalization, a cryptographic key, unique to
the card, is programmed into EEPROM. This key can
not be read. The system using the card must be able to
determine what key was programmed from examining
the memory map (i.e., not the token counter) containing
the issuer and serial number information.
The signature function computes an 8-bit value based
on a system supplied value (challenge) and the visible
memory map. Because of the nature of the signature
function and the fact that the key is not known outside
the system, it is practically impossible to predict the
value which the signature will compute.
DIE LAYOUT
BLOCK DIAGRAM
A correct signature indicates that the memory contents
have not been altered. It can therefore be used to check
the serial number, or that changes to the token counter
have actually occurred.
Programming the token counter uses a special circuit to
ensure that the programming will either be complete or
will not happen at all, if the external supply is suddenly
removed.* This is called Fail Safe Programming™,
and, when used in conjunction with the extended write
and erase command, removes the need for special
‘tear-out’ protection to be performed by the reader.
Note:
The fail safe feature only works in the token
counter area.
GND
SDIO
VDD
SCI
SCK
I/O
SCI
SCK
SDIO
VDD
GND
ADDRESS
GENERATION
EEPROM
SIGNATURE
CALCULATOR
CONTROLLER
Token Card Chip
KEELOQ is a registered trademark of Microchip Technology Inc.
*Patents applied for.


Similar Part No. - SCS152

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SCS15120 GWSEMI-SCS15120 Datasheet
402Kb / 5P
1200V/15A SiC Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
0.35Amp 40V Low Vf Schottky Barrier Rectifiers
More results

Similar Description - SCS152

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
KEELOQ CODE HOPPING DECODER
2002
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
logo
PCA ELECTRONICS INC.
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
Token Ring Transceiver
logo
Microchip Technology
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
KEELOQ Code Hopping Decoder
01/18/02
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com