Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152 Datasheet(PDF) 13 Page - Microchip Technology

Part # SCS152
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152 Datasheet(HTML) 13 Page - Microchip Technology

Back Button SCS152 Datasheet HTML 8Page - Microchip Technology SCS152 Datasheet HTML 9Page - Microchip Technology SCS152 Datasheet HTML 10Page - Microchip Technology SCS152 Datasheet HTML 11Page - Microchip Technology SCS152 Datasheet HTML 12Page - Microchip Technology SCS152 Datasheet HTML 13Page - Microchip Technology SCS152 Datasheet HTML 14Page - Microchip Technology SCS152 Datasheet HTML 15Page - Microchip Technology SCS152 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SCS152
© 1997 Microchip Technology Inc.
Preliminary
DS40150B-page 13
8.0
DEVICE CHARACTERISTICS
TABLE 8-1:
ABSOLUTE MAXIMUM RATINGS
Description
Symbol
Min.
Max.
Units
Supply voltage, with respect to GND
VDD
-0.3
6.0
V
Input voltage, with respect to GND
VI
-0.3
6.0
V
Storage temperature
TS
-55
+85
°C
ESD protection on all pins (HBM)
VESD
4000
V
TABLE 8-2:
DC CHARACTERISTICS
VDD: 5.0 V
± 10%
TA:
-40
°C to +85°C
Description
Symbol
Min.
Typ.
Max.
Units
Condition
Current when reading
IDDR
300
600
µA
SDIO = VDD
Current when programming
IDDP
1.2
1.6
mA
SDIO = VDD
Input low voltage
VIL
0.8
V
Input high voltage
VIH
3.0
V
Output low voltage
VOL
0.4
V
Sinking current, Io = 1 mA
TABLE 8-3:
AC CHARACTERISTICS
VDD: 5 V
± 10%
TA:
-40
°C to +85°C
RPU = 10K
Description
Symbol
Min.
Typ.
Max.
Units
Time from VDD high until device accepts com-
mands
TPOR
3.5
ms
Overlap of SCI with SCK during RESET
TOX
2.0
µs
Overlap period of SCI and SCK during RESET
TR
35.0
µs
SCK high
TH
10.0
µs
SCK low
TL
10.0
µs
SCK/SCI falling to SCI changing for BITPROG,
ERASE, etc.
TC
5.0
µs
SCI high pulse during BITPROT, ERASE, etc.
TS
2.0
µs
SDIO changing from falling edge of SCI/SCK
during RESET
TD1
1.8
µs
SDIO changing from falling edge of SCK during
RDBIT
TD2
1.8
4.7
µs
SDIO tri-state after rising edge of SCK
TD3
4.5
µs
Time to program EEPROM during BITPROG,
ERASE, DECR-ERASE, etc.
TPROG
1.4
3.4
ms
Time to compute signature from falling edge of
SCK where last challenge bit is entered
TSIGN
2.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com