Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152 Datasheet(PDF) 12 Page - Microchip Technology

Part # SCS152
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SCS152 Datasheet HTML 8Page - Microchip Technology SCS152 Datasheet HTML 9Page - Microchip Technology SCS152 Datasheet HTML 10Page - Microchip Technology SCS152 Datasheet HTML 11Page - Microchip Technology SCS152 Datasheet HTML 12Page - Microchip Technology SCS152 Datasheet HTML 13Page - Microchip Technology SCS152 Datasheet HTML 14Page - Microchip Technology SCS152 Datasheet HTML 15Page - Microchip Technology SCS152 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SCS152
DS40150B-page 12
Preliminary
© 1997 Microchip Technology Inc.
6.0
PERSONALIZATION
During the typical life of the device, it must be person-
alized. The following procedure personalizes the
device:
1.
Issue a RESET command.
2.
Issue 147 RDBIT commands.
3.
Issue 64 PUTBIT commands to present the
transport code.
4.
Issue 88 RDBIT commands.
5.
Program the SER field by issuing BITPROG
commands at the appropriate addresses.
6.
Decrement each digit in the token counter to the
proper value by issuing BITPROG and RDBIT
commands as needed.
7.
Program the USER area.
8.
Program the UKEY0 area by clocking to the first
bit of each byte (i.e., addresses 148, 156,
164, …) issuing BITPROG and ERASE com-
mands, and then programming the byte with
BITPROG commands.
9.
Check the contents via the signature function.
10. Set the device to user mode by issuing
a BITPROG commands at addresses 104 and
105.
7.0
MEMORY CONTENTS
7.1
Shipped Devices
7.2
After Personalization
Note:
The internal transport code OK status bit is
reset by the RESET command or when the
device is no longer in issuer mode (which
happens when PC0 and PC1 are pro-
grammed).
Field Name
Contents
CID
Chip identification data
SER
all 1
ISS
1
D4
all 1
D3
all 1
D2
all 1
D1
all 1
D0
all 1
CFG
PC0 = 0, PC1 = 1, LOCK0 = 1
USER0
All 1
UKEY0
Transport code
Field Name
Contents
CID
Chip identification data
SER
Device serial number
ISS
0
D4
Digit 4 of counter
D3
Digit 3 of counter
D2
Digit 2 of counter
D1
Digit 1 of counter
D0
Digit 0 of counter
CFG
PC0 = 1, PC1 = 0,
LOCK0 = 1/0 depending on application
USER0
All 1
UKEY0
Transport code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com