Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152 Datasheet(PDF) 4 Page - Microchip Technology

Part # SCS152
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152 Datasheet(HTML) 4 Page - Microchip Technology

  SCS152 Datasheet HTML 1Page - Microchip Technology SCS152 Datasheet HTML 2Page - Microchip Technology SCS152 Datasheet HTML 3Page - Microchip Technology SCS152 Datasheet HTML 4Page - Microchip Technology SCS152 Datasheet HTML 5Page - Microchip Technology SCS152 Datasheet HTML 6Page - Microchip Technology SCS152 Datasheet HTML 7Page - Microchip Technology SCS152 Datasheet HTML 8Page - Microchip Technology SCS152 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SCS152
DS40150B-page 4
Preliminary
© 1997 Microchip Technology Inc.
2.5
CFG Field
The CFG field is further divided into four subfields:
With ‘PC0 = 0’ and ‘PC1 = 1’, the device is in issuer
mode; with ‘PC0 = 1’ and ‘PC1 = 0’, the device is in user
mode. Some commands can only be used in issuer
mode.
2.6
USER0 Field
The user area can be reprogrammed to any state by the
user in user mode. It also can be locked using the
LOCK0 bit. In issuer mode, this field typically contains
the packaging status of the device. In user mode, this
field can be used for application dependent data.
2.7
UKEY0 Field
In issuer mode, this field contains the transport code; in
user mode, the UKEY0 field contains the key used in
the
signature
function.
The
transport
code
is
programmed during wafer probe and is completely
reprogrammed during personalization to the value of
the key.
3.0
COMMAND INTERFACE
The SCS152 accepts the following basic commands:
RESET, RDBIT/PUTBIT, BITPROG and ERASE. The
extended commands are DECR-ERASE and initiate
signature function.
The device interprets five different SCI/SCK sequences
for all its commands:
a)
An overlap of SCI and SCK for RESET
b)
A single pulse on SCK for RDBIT or PUTBIT
c)
A single pulse on SCI followed by a pulse on
SCK for BITPROG
d)
A repeat of c) for ERASE
e)
A double pulse on SCI followed by a pulse on
SCK for extended commands
Normally, any one of these sequences can be followed
by another; however, once the signature function has
been started, a fixed sequence of commands must fol-
low.
The extended functions are accessed by double pulse
on SCI in the correct address range. Depending on the
current address, the same sequence of events on SCI
and SCK will perform different functions.
Name
Address
Description
PC0
104
First bit of the issuer mode/user
mode indicator
PC1
105
Second bit of the issuer mode/
user mode indicator
N.U.
106
Unused
LOCK0
107
Unlocked status of USER0 area
in user mode: ‘0’ means locked
TABLE 3-1:
EXTENDED FUNCTIONS
Field
Extended Function Accessed by
Double SCI Pulse
CID
Test modes
SER
BITPROG
D4…D0
DECR-ERASE
CFG
Test modes
USER0
BITPROG
UKEY0
Address 163: test mode
Address 259: Initiate signature operation
Other addresses perform BITPROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com