Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS196K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS196K
Description  85 V, 300 mA Plastic-Encapsulated Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS196K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS196K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS196K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS196K
85 V, 300 mA
Plastic-Encapsulated Diodes
01-June-2002 Rev. A
Page 1 of 2
3
1
2
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Low forward voltage: VF(3) = 0.9V (typ.)
Fast reverse recovery time : trr = 1.6ns (typ.)
PACKAGE DIMENSIONS
MARKING: G3
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Parameter
Symbol
Ratings
Unit
Non-Repetitive Peak Reverse Voltage
VRM
85
V
DC Blocking Voltage
VR
80
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Currrent
IO
100
mA
Power Dissipation
PD
150
mW
Junction, Storage Temperature
TJ, TSTG
+125, -55 ~ +125
℃
CHARACTERISTICS at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
80
-
-
V
IR = 100
μA
VF1
-
0.60
-
V
IF = 1mA
VF2
-
0.72
-
V
IF = 10mA
Forward Voltage
VF3
-
0.90
1.2
V
IF = 100mA
IR1
-
-
0.1
μA
VR = 30V
Reverse Current
IR2
-
-
0.5
μA
VR = 80V
Capacitance Between Terminals
CT
-
0.9
3.0
pF
VR = 0, f = 1 MHz
Reverse Recovery Time
trr
-
1.6
4.0
ns
IF = IR = 10mA, Irr=0.1 × IR


Similar Part No. - SCS196K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS193K SECOS-SCS193K Datasheet
311Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS193K SECOS-SCS193K_15 Datasheet
311Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
More results

Similar Description - SCS196K

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
Plastic-Encapsulated Diodes
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
BAS19LT1 TEL-BAS19LT1 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
BAV70LT1 TEL-BAV70LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
BAV199LT1 TEL-BAV199LT1 Datasheet
62Kb / 1P
Plastic-Encapsulated Diodes
MC2836 TEL-MC2836 Datasheet
61Kb / 1P
Plastic-Encapsulated Diodes
MMBD914LT1 TEL-MMBD914LT1 Datasheet
102Kb / 1P
Plastic-Encapsulated Diodes
MMBD4148A TEL-MMBD4148A Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com