Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS202NF Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202NF
Description  Dual Series Chips Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202NF Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS202NF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202NF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SCS202NF
Dual Series Chips
Surface Mount Switching Diode
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Electrical characteristic curves (Ta=25 C)
º
01-Jun-2002 Rev. A
Page 2 of 3
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE :Ta (ºC)
Fig.1 Power attenuation curve
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.4
0.6
0.8
1.0
1.2
0ºC
−30ºC
Ta=85ºC
50ºC
25ºC
1.4
1.6
FORWARD VOLTAGE : VF
(V)
Fig.3 Forward characteristics
REVERSE VOLTAGE : VR
(V)
Fig.4 Reverse characteristics
0.01
100
1000
10
0.1
1
10
20
30
40
80
70
60
50
0
Ta
=100°C
75
°C
50
°C
25
°C
−25°C
0
°C
0
0
4
2
2
4
6
8
10 12 14 16
f=1MHz
REVERSE VOLTAGE : VR
(V)
18 20
Fig.5 Capacitance between
terminals characteristics
0
0
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
5
4
3
2
1
VR
=6V
FORWARD CURRENT : IF
(mA)
Fig.2 Reverse recovery time
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
0.01µF
100ns
INPUT
D.U.T.
trr
OUTPUT
0
5
Ω
Fig.6 Reverse recovery time (trr) measurement circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com