Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS202NF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202NF
Description  Dual Series Chips Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202NF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS202NF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202NF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SCS202NF
Dual Series Chips
Surface Mount Switching Diode
1
2
3
Marking code: MU or A3
3
1
2
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
Construction
Silicon epitaxial planar
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Peak reverse voltage
V RM
80
V
V
DC reverse voltage
VR
80
Peak forward current
Mean rectifying current
I FM
I o
I surge
300
100
mA
Surge current 1uS
4
A
mW
Power dissipation (TOTAL)
Pd
200
Junction temperature
Tj
150
Storage temperature
Tstg
-55~+155
ELECTRICAL CHARACTERISTICS (TA=25 unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
Forward voltage
(IF = 100mA)
VF
CT
t rr
-
-
-
-
1.2
V
(VR = 70V)
Reverse current
IR
0.1
uA
Capacitance between terminals
(V=6V, f=1MHz)
Reverse recovery time
(IF=5mA,VR=6V)
4
3.5
pF
1. FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323(SC-70)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ºC
ºC
Application
Ultra high speed switching
Features
Four types of packaging are available.
High speed. (trr=1.5ns Typ.)
Suitable for high packing density layout.
High reliability.
01-Jun-2002 Rev. A
Page 1 of 3
mA
nS
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS202NF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202NF SECOS-SCS202NF Datasheet
190Kb / 2P
Small Signal Switching Diode
SCS202NF SECOS-SCS202NF_09 Datasheet
190Kb / 2P
Small Signal Switching Diode
SCS202NF SECOS-SCS202NF_15 Datasheet
190Kb / 2P
Small Signal Switching Diode
More results

Similar Description - SCS202NF

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
SeCoS Halbleitertechnol...
BAV70 SECOS-BAV70 Datasheet
261Kb / 2P
Dual Chips Common Cathode Surface Mount Switching Diode
SCS202PD SECOS-SCS202PD Datasheet
728Kb / 3P
Dual Series Chips Surface Mount Switching Diode
SCS202PF SECOS-SCS202PF Datasheet
684Kb / 3P
Dual Series Chips Surface Mount Switching Diode
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
SeCoS Halbleitertechnol...
BAV70W SECOS-BAV70W_15 Datasheet
506Kb / 3P
Dual Chips Common Cathode Surface Mount Switching Diode
BAW56 SECOS-BAW56_15 Datasheet
504Kb / 2P
Dual Chips Common Anode Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com