Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS202PD Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202PD
Description  Dual Series Chips Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202PD Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS202PD Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202PD Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCS202PD Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
SCS202PD
Dual Series Chips
Surface Mount Switching Diode
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Electrical characteristic curves (Ta=25 C)
0
0
125
100
75
50
25
25
50
75
100
125
150
AMB IE NT T E MP E R AT UR E :T a (ºC )
P ower attenuation curve
0
0.1
0.2
0.5
1
2
5
10
20
50
0.2
0.4
0.6
0.8
1.0
1.2
0ºC
30ºC
T a=85ºC
50ºC
25ºC
1.4
1.6
F OR WAR D V OLT AG E : V F (V)
F orward characteristics
R E V E R S E V OLT AG E : V R
(V )
R everse characteristics
0.01
100
1000
10
0.1
1
10
20
30
40
80
70
60
50
0
T a 100 C
75 C
50 C
25 C
25 C
0 C
0
0
4
2
2
4
6
8
10 12 14 16
f=1MHz
REVERSE VOLTAGE :V R (V)
18 20
Capacitance between
terminals characteristics
º
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com