Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS202PD Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202PD
Description  Dual Series Chips Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202PD Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS202PD Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202PD Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCS202PD Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
SCS202PD
Dual Series Chips
Surface Mount Switching Diode
Dim
Min
Max
A
2.700
3.100
B
1.300
1.700
C
1.000
1.300
D
0.350
0.500
G
1.700
2.300
H
0.000
0.100
J
0.100
0.260
K
0.200
0.600
L
1.250
1.650
S
2.250
3.000
V
0.400
0.450
All Dimension in mm
SC-59
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
H
C
J
K
V
ANODE
3
C ATHODE
1
2
C ATHODE
Marking code: MO
2
1
3
2
1
3
S C -59
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Peak reverse voltage
VRM (V)
80
Vdc
Vdc
DC reverse voltage
VR (V)
80
Peak forward current
Mean rectifying current
IFM (mA)
Io (mA)
Isurge (A)
300
100
mAdc
Surge current
4
mW
mW
Power dissipation (TOTAL)
Pd (mW)
200
Junction temperature
T j(ºC)
150
Storage temperature
T stg(ºC)
-55~+155
P / N Type
N
ELECTRICAL CHARACTERISTICS (TA=25 unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
Forward voltage
(IF = 100)
VF (V)
CT(pF)
t rr(ns)
-
-
-
-
1.2
Vdc
(IR = 70uA)
Reverse current
IR
0.1
µAdc
Capacitance between terminals
(VR = 6, f = 1.0 MHz)
Reverse recovery time
(VR = 6, f = 5.0 MHz)
4
3.5
mVdc
1. FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ºC
ºC
Application
Ultra high speed switching
Features
Four types of packaging are available.
High speed. (trr=1.5ns Typ.)
Suitable for high packing density layout.
High reliability.
Construction
Silicon epitaxial planar
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS202PD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202PF SECOS-SCS202PF Datasheet
684Kb / 3P
Dual Series Chips Surface Mount Switching Diode
SCS202PF SECOS-SCS202PF_15 Datasheet
685Kb / 3P
Surface Mount Switching Diode
SCS202PK SECOS-SCS202PK Datasheet
192Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS202PK SECOS-SCS202PK_15 Datasheet
197Kb / 2P
Small Signal Switching Diode
More results

Similar Description - SCS202PD

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
SeCoS Halbleitertechnol...
BAV70 SECOS-BAV70 Datasheet
261Kb / 2P
Dual Chips Common Cathode Surface Mount Switching Diode
SCS202NF SECOS-SCS202NF Datasheet
668Kb / 2P
Dual Series Chips Surface Mount Switching Diode
SCS202PF SECOS-SCS202PF Datasheet
684Kb / 3P
Dual Series Chips Surface Mount Switching Diode
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
SeCoS Halbleitertechnol...
BAV70W SECOS-BAV70W_15 Datasheet
506Kb / 3P
Dual Chips Common Cathode Surface Mount Switching Diode
BAW56 SECOS-BAW56_15 Datasheet
504Kb / 2P
Dual Chips Common Anode Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com