Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS226K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS226K
Description  Surface Mount Device Ultra High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS226K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS226K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS226K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCS226K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SCS226K
Surface Mount Device
Ultra High Speed Switching Diode
ELECTRICAL CHARACTERISTICS (Ta=25
)
TYPE NUMBER
TEST CONDITIONS
SYMBOL
Min.
Typ.
Max.
UNITS
IF=1 mA
VF(1)
-
0.60
-
IF=10 mA
VF(2)
-
0.72
-
Forward Voltage
IF=100 mA
VF(3)
-
0.90
1.20
V
VR=30 V
IR(1)
-
-
0.1
Reverse Current
VR=80 V
IR(2)
-
-
0.5
µA
Diode Capacitance
VR=0 V, f=1MHz
CT
-
0.9
3.0
pF
Reverse Recovery Time
IF=10 mA, (Fig.1)
trr
-
1.6
4.0
ns
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com