Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS226K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS226K
Description  Surface Mount Device Ultra High Speed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS226K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS226K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS226K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCS226K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SCS226K
Surface Mount Device
Ultra High Speed Switching Diode
SOT-23
FEATURES
. Silicon Epitaxial Planar Diodes
. Ultra High Speed
. Low forward voltage : V
F(3) = 0.9 V (Typ.)
. Fast reverse recovery time : t
rr = 1.6 ns (Typ.)
. Small total capacitance : C
T = 0.9 pF (Typ.)
MECHANICAL DATA
. Case: SOT-23 Molded Glass
. Terminals : Solder Plated, Solderable Per MIL-STD-750,
Method 2026
. Polarity: Indicated by Cathode band
. Mounting position: Any
. Weight: 0.012 grams (approx.)
ABSOLUTE MAXIMUM RATINGS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SCS226K
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
85
V
Working Peak Reverse Voltage
VR
80
V
Maximum Peak Forward Current
IFM
300 (Note1)
mA
Average Forward Current
IO
100 (Note1)
mA
Peak Forward Surge Current, Single Half Sine-wave
Superimposed on Rated Load (JEDEC Method), 10ms
IFSM
2 (Note1)
A
Power Dissipation
P
500
mW
Operating Temperature
TJ
125
Storage Temperature Range
TSTG
-55 ~ +125
NOTE:
1. Unit Rating. Total Rating = Unit Rating × 0.7.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
C ATHODE
ANODE
ANODE
C ATHODE
1
2
3
3
1
2
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
Device Marking: A7
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS226K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS226K SECOS-SCS226K Datasheet
380Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K Datasheet
351Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_09 Datasheet
380Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_11 Datasheet
351Kb / 2P
0.3A , 85V Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_15 Datasheet
351Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
More results

Similar Description - SCS226K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMDL914T1 ZOWIE-MMDL914T1 Datasheet
47Kb / 2P
SURFACE MOUNT HIGH-SPEED SWITCHING DIODE
logo
Central Semiconductor C...
CMHD4150 CENTRAL-CMHD4150 Datasheet
52Kb / 2P
SURFACE MOUNT HIGH SPEED SWITCHING DIODE
logo
Comchip Technology
1SS400-G COMCHIP-1SS400-G Datasheet
115Kb / 3P
Surface Mount High Speed Switching Diode
logo
Central Semiconductor C...
CMAD4448 CENTRAL-CMAD4448 Datasheet
149Kb / 2P
SURFACE MOUNT SILICON ULTRA HIGH SPEED SWITCHING DIODE
CFD4448 CENTRAL-CFD4448 Datasheet
358Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CMAD4448 CENTRAL-CMAD4448_10 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CMHD4150 CENTRAL-CMHD4150_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CMHD4448 CENTRAL-CMHD4448_10 Datasheet
372Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
CFD4448 CENTRAL-CFD4448_15 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED SILICON SWITCHING DIODE
CLL914 CENTRAL-CLL914_15 Datasheet
304Kb / 2P
SURFACE MOUNT HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com