Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS400S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS400S
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS400S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS400S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS400S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS400S
Surface Mount Switching Diode
Any changing of specification will not be informed individual
Electrical characteristic curves (Ta=25
°C)
0
1
100m
10m
1m
100
µ
10
µ
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE : VF
(V)
Fig.1 Forward characteristics
0
Ta
=125°C
Ta
=75°C
Ta
=25°C
1m
0.1m
10
µ
1
µ
100n
10n
1n
20
40
60
80
100
120
REVERSE VOLTAGE :
VR (V)
Fig.2 Reverse characteristics
0
2
4
6
8
10
12
14
10
5
2
1
0.5
0.2
0.1
REVERSE VOLTAGE : VR (V)
Fig.3 Capacitance between terminals
0
0
10
20
30
1
2
3
VR
=6V
Irr
=1/10IR
FORWARD CURRENT :
IF (mA)
Fig.4 Reverse recovery time
characteristics
0.1
1
10
100
1 000
10 000
1
2
5
10
20
50
100
PULSE
Single pulse
PULSE WIDTH : Tw (ms)
Fig.5 Surge current characteristics
PULSE GENERATOR
OUTPUT 50
Ω
SAMPLING
OSCILLOSCOPE
50
Ω
5k
Ω
0.01
µF
D.U.T.
Fig.6 Reverse recovery time (trr) measurement circuit
Elektronische Bauelemente
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com