Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS400S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS400S
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS400S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS400S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS400S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individua
l
SCS400S
Surface Mount Switching Diode
Ele
0.8±0.05
CATHODE MARK
0.6±0.1
0.12±0.05
SOD-523
0.3±0.05
Dimensions in millimeters
FEATURES
Extremely small surface mounting type. (EMD2)
.
High speed. (trr=1.2ns type.)
Silicon epitaxial planer
MECHANICAL DATA
.
.
.
. Highspeedswitching
High reliabilty
MAXIMUM RA
mA
mA
TINGS (TJ = 25
unless otherwise noted)
Rating
Symbol
Value
Unit
Peak reverse voltage
DC reverse voltage
V R
V RM
80
Volts
Volts
Mean rectifying current
I o
mA
Peak forward current
I
I
FM
surge
Junction Temperature
Surge current (1s)
TJ
125
Storage Temperature Range
Tstg
-55 to +125
100
200
ELECTRICAL CHARACTERISTICS (TA = 25
)
Characteristic
Symbol
Min
Typ
0.27
Max
Unit
Forward voltage (
= 100mA)
VF
1.2
Volts
ns
pF
3.0
4
IF
R
L
F
R
Capacitance between terminals (V
= 0.5V, f =1MHz)
Reverse recovery time (V
= 6V, I =10mA, R
=100
)
-
-
-
-
-
Reverse current ( V = 80V)
IR
0.1
R
m A
-
-
CT
trr
90
500
℃
℃
℃
℃
Ω
Elektronische Bauelemente
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 1 of 2
.
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS400S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS400SDF SECOS-SCS400SDF Datasheet
278Kb / 2P
Small Signal Schottky Barrier Diode
SCS400SDF SECOS-SCS400SDF_15 Datasheet
278Kb / 2P
Small Signal Schottky Barrier Diode
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
0.1A , 100V Surface Mount Switching Diode
SCS400S SECOS-SCS400S_15 Datasheet
152Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - SCS400S

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com