Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D301RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # D301RW
Description  Single & Dual Output 3W SIP, Wide Input DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D301RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  D301RW Datasheet HTML 1Page - MicroPower Direct, LLC D301RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 3W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• Short Circuit Protected
• Miniature SIP Case
• Single & Dual Outputs
• 1.0 MH MTBF
• Industry Standard Pin-Out
D300RW
Single & Dual Output
3W SIP, Wide Input
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
12 VDC Input
9.0
12.0
18.0
VDC
24 VDC Input
18.0
24.0
36.0
Short Circuit Input Power
1,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
±1.0
±2.0
%
Line Regulation
Vin = Min to Max
±0.2
±0.5
%
Load Regulation , Single Output
Iout = 10% to 100%
±0.5
±0.75
%
Load Regulation , Dual Output
Iout = 10% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz) (Note 1)
50
100
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.03
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
80
pF
Switching Frequency
Iout = 100%
200
500
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.87 x 0.47 x 0.37 Inches (22.0 x 12.0 x 9.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.20 Oz (6.0g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
22.0
VDC
24 VDC Input
-0.7
40.0
Lead Temperature
1.5 mm From Case For 10 Sec
300
°C
Internal Power Dissipation
All Models
1,800
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant


Similar Part No. - D301RW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D301RP ETC1-D301RP Datasheet
101Kb / 2P
Short Circuit Protected Regulated, 3W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D301RU MPD-D301RU Datasheet
273Kb / 2P
D300RU SERIES
More results

Similar Description - D301RW

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
Isolated 3W Wide Input Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
Isolated 3W Wide Input Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300ERW MPD-A300ERW Datasheet
184Kb / 2P
Low Cost, Wide Input, 3W Single & Dual Output DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
LF300RU MPD-LF300RU Datasheet
239Kb / 2P
Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF300RW MPD-LF300RW Datasheet
221Kb / 2P
Wide Input, 3W SMT Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com