Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRT-740DC240B-059 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # WRT-740DC240B-059
Description  Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WRT-740DC240B-059 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  WRT-740DC240B-059 Datasheet HTML 1Page - JDS Uniphase Corporation WRT-740DC240B-059 Datasheet HTML 2Page - JDS Uniphase Corporation WRT-740DC240B-059 Datasheet HTML 3Page - JDS Uniphase Corporation WRT-740DC240B-059 Datasheet HTML 4Page - JDS Uniphase Corporation WRT-740DC240B-059 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Other Specifications
4
WAVEREADY TRANSPONDER 740 LR CWDM
Parameter
Condition
Specifications
Electrical
Power dissipation
Over temperature range EOL
Typical
15.5 W
Maximum
19 W
Supply voltage1
Minimum
38 V
Maximum
60 V
Environmental
Storage temperature
-40 to 85°C
Ambient operating temperature
-5 to 55°C short term; 96 hours continuous;
-5 to 55 °C
no more than 15 days per year
Humidity
Non-condensing
5 to 95%
Mechanical
Weight (approximate)
1.4 kg (3.1 lb)
Dimensions (H x W x D)
25.4 x 223.5 x 175 mm
(1.0 x 6.89 x 8.8 inches)
Mounting options
WaveReady 3500-F or WaveReady
3100 shelf in standard 19- or
23-inch or ETSI rack
1. The DC power supply must be -48 V SELV output and certified by a nationally recognized test laboratory (NRTL). UL tested at -48 V.
Interface Specifications
Parameter
Specification
Operations, administration, maintenance,
Via the WaveReady Communication Module 200; remote management:
and provisioning (OAM&P)
SNMP and TL1 command mode through JDSU Node Manager software or
through telnet or command-line application or SNMP; Communication
with remote modules through an embedded supervisory channel
Front panel LEDs
CARD (power), MAJ/CRIT (major/critical alarm), MIN (minor alarm),
LOS B, LOS D, LOOPBK (loopback), MGT (management)
Front panel ports
Client-side ports: A and B single-mode or multi-mode fiber (SMF or MMF);
Network-side ports: C and D, SMF
Alarms
CARD (power), MAJ/CRIT (major/critical) alarm; MIN (minor alarm),
LOS B, LOS D (loss of lock); Alarm relay open under normal operation;
relay closed when power is off and alarm is active



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com