Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRT-740DC240B-059 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # WRT-740DC240B-059
Description  Long Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, CWDM,3R Transponder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WRT-740DC240B-059 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  WRT-740DC240B-059 Datasheet HTML 1Page - JDS Uniphase Corporation WRT-740DC240B-059 Datasheet HTML 2Page - JDS Uniphase Corporation WRT-740DC240B-059 Datasheet HTML 3Page - JDS Uniphase Corporation WRT-740DC240B-059 Datasheet HTML 4Page - JDS Uniphase Corporation WRT-740DC240B-059 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU, Waveready, and the
JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS
Uniphase Corporation. All rights reserved. 30137338 Rev. 001 03/06 WRT740CWDM.DS.CMS.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: WRT-740DC240B-057
WAVEREADY TRANSPONDER 740 LR CWDM
Code
Frequency
047
1471 nm
049
1491 nm
051
1511 nm
053
1531 nm
055
1551 nm
057
1571 nm
059
1591 nm
061
1611 nm
WRT-740DC240B-
Note: For current compatible SFPs, please contact your local JDSU account manager.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com