Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS706F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS706F
Description  0.03AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS706F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS706F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS706F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
S
G
D
B
L
A
SCS706F
0.03AMP Surface Mount Schottky Barrier Rectifiers
FEATURES
·
Case: SOT-346, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams Below
·
Weight: 0.008 grams (approx.)
·
Mounting Position: Any
MECHANICAL DATA
·
Low Turn-on Voltage
·
Fast Switching
·
PN Junction Guard Ring for Transient and
ESD Protection
Dim
Min
Max
A
1.80
2.20
B
1.15
1.35
C
0.80
1.00
D
0.30
0.40
G
1.20
1.40
H
0.00
0.10
J
0.10
0.25
K
0.20
0.60
L
0.90
1.10
S
2.00
2.40
All Dimension in mm
SOT323
1
3
2
Top View
H
C
J
K
2
1
3
http://www.SeCoSGmbH.com
Elektronische Bauelemente
3
1
2
ANODE
CATHODE
CATHODE
ANODE
SCS706F Marking : 3J
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
V
DC reverse voltage
VR
V
Mean rectifying current
IO
Peak forward surge current ∗
IFSM
Junction temperature
Tj
125
°C
Storage temperature
Tstg
°C
30
200
mA
mA
45
40
−40~+125
∗60 Hz for 1
Electrical characteristics (Ta = 25
°C)
−
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
−−
0.37
V
IF
=1mA
Reverse current
IR
−−
1
µAVR=10V
Capacitance between terminals
CT
−
5.0
pF
VR
=1V, f=1MHz
Note) ESD sensitive product handling required.
VOLTAGE 40V
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS706F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS706F SECOS-SCS706F_15 Datasheet
175Kb / 2P
0.03AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS706F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB751V-40 TSC-RB751V-40 Datasheet
277Kb / 2P
0.03AMP Surface Mount Schottky Barrier Diode
TSS0340L TSC-TSS0340L Datasheet
50Kb / 2P
0.03Amp Surface Mount Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS706D SECOS-SCS706D Datasheet
722Kb / 2P
0.03AMP Surface Mount Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F Datasheet
654Kb / 2P
0.03AMP Schottky Barrier Rectifiers
SCS717F SECOS-SCS717F Datasheet
642Kb / 2P
0.03AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSS0340U TSC-TSS0340U Datasheet
49Kb / 2P
0.03Amp Surface Mount Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS706D SECOS-SCS706D_15 Datasheet
723Kb / 2P
0.03AMP Surface Mount Schottky Barrier Rectifiers
SCS706F SECOS-SCS706F_15 Datasheet
175Kb / 2P
0.03AMP Surface Mount Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F_15 Datasheet
655Kb / 2P
0.03AMP Schottky Barrier Rectifiers
SCS717F SECOS-SCS717F_15 Datasheet
643Kb / 2P
0.03AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com