Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS706F Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS706F
Description  0.03AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS706F Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS706F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS706F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SCS706F
0.03AMP Surface Mount Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
RATING AND CHARACTERISTIC CURVES (SCS706F)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
pulse measurement
1
µ
10
µ
100
µ
1000m
Typ.
FORWARD VOLTAGE : VF
(V)
Fig. 1 Forward characteristics
Ta
=75°C
Ta
=25°C
Ta
=−25°C
Electrical characteristic curves (Ta = 25
°C)
0
5
101520253035
100n
10n
1n
pulse measurement
Typ.
100
µ
10
µ
1
µ
REVERSE VOLTAGE : VR
(V)
Fig. 2 Reverse characteristics
Ta
=75°C
Ta
=25°C
Ta
=125°C
Ta
=−25°C
0
2
4
6
8
10
12
14
1
2
5
10
20
50
100
f
=1MHz
Ta
=25°C
REVERSE VOLTAGE : VR
(V)
Fig. 3 Capacitance between
terminals characteristics
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta(
°C)
Fig 4. Derating curve
(mounting on glass epoxy PCBs)
VOLTAGE 40V
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com