Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS715F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS715F
Description  0.03AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS715F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS715F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS715F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SCS715F
A
http://www.SeCoSGmbH.com
Elektronische Bauelemente
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTAGE 40V
0.03AMP Schottky Barrier Rectifiers
!
!
!
!
Applications
General purpose detection
High speed switching
!
!
!
!
Features
1) Small surface mounting type
(EMD3, UMD3)
2) Low VF and low IR
3) High reliability.
!
!
!
!
Construction
Silicon epitaxial planar
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
40
V
DC reverse voltage
VR
40
V
Mean rectifying current
IO
30
mA
Peak forward surge current∗
IFSM
200
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
°C
−40~+125
∗ 60 Hz for 1
!
!
!
!
Electrical characteristics (Ta=25
°C)
Note) ESD sensitive product handling required.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
−−
0.37
V
IF
=1mA
Reverse current
IR
−−
1
µAVR=10V
Capacitance between terminals
−
2.0
−
pF
VR
=1V, f=1MHz
CT
(SC–70)
SOT–323
CASE 419
STYLE 9
1
2
3
C
N
L
D
G
S
B
H
J
K
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.071
0.087
1.80
2.20
B
0.045
0.053
1.15
1.35
C
0.032
0.040
0.80
1.00
D
0.012
0.016
0.30
0.40
G
0.047
0.055
1.20
1.40
H
0.000
0.004
0.00
0.10
J
0.004
0.010
0.10
0.25
K
0.017 REF
0.425 REF
L
0.026 BSC
0.650 BSC
N
0.028 REF
0.700 REF
S
0.079
0.095
2.00
2.40
0.05 (0.002)
3
1
2
SCS715F Marking : JE,3D
4) Lead Free Prodect.
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS715F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS715F SECOS-SCS715F_15 Datasheet
655Kb / 2P
0.03AMP Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F_16 Datasheet
360Kb / 2P
0.03 AMP Schottky Barrier Diode
More results

Similar Description - SCS715F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB751V-40 TSC-RB751V-40 Datasheet
277Kb / 2P
0.03AMP Surface Mount Schottky Barrier Diode
TSS0340L TSC-TSS0340L Datasheet
50Kb / 2P
0.03Amp Surface Mount Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS706D SECOS-SCS706D Datasheet
722Kb / 2P
0.03AMP Surface Mount Schottky Barrier Rectifiers
SCS706F SECOS-SCS706F Datasheet
175Kb / 2P
0.03AMP Surface Mount Schottky Barrier Rectifiers
SCS717F SECOS-SCS717F Datasheet
642Kb / 2P
0.03AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSS0340U TSC-TSS0340U Datasheet
49Kb / 2P
0.03Amp Surface Mount Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS706D SECOS-SCS706D_15 Datasheet
723Kb / 2P
0.03AMP Surface Mount Schottky Barrier Rectifiers
SCS706F SECOS-SCS706F_15 Datasheet
175Kb / 2P
0.03AMP Surface Mount Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F_15 Datasheet
655Kb / 2P
0.03AMP Schottky Barrier Rectifiers
SCS717F SECOS-SCS717F_15 Datasheet
643Kb / 2P
0.03AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com