Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS715F Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS715F
Description  0.03AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS715F Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS715F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS715F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SCS715F
RATING AND CHARACTERISTIC CURVES (SCS715F)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
!
Electrical characteristic curves (Ta = 25
°C)
VOLTAGE 40V
0.03AMP Schottky Barrier Rectifiers
Fig. 1 Forward characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
1
pulse measurement
T yp.
FORWARD VOLTAGE : VF(V)
100
10
1
Ta=125
OC
Ta=75
OC
T a=25OC
T a =-25
OC
0
5
10
15
20
25
30
35
100
10
1 A
100n
10n
1n
REVERE VOLTAG E : VR (V)
Fig. 2 Reverse characteristics
Ta=125
OC
Ta=75OC
Ta=25OC
Ta=-25OC
0
5
10
15
20
25
0.1
1
10
100
REVERSE VOLTAG E : VR (V)
Fig. 3 Capacitance between
terminals characteristics
0
0.1
0.2
0.5
1
2
5
10
4
8
12
16
20
24
28
FORWARD CURRENT : I
F (mA)
Fig. 4 Reverse recovery time
characteristics
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (
C)
Fig.5 Derating curve
(mounting on glass epoxy P C Bs)
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com