Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS731DW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS731DW
Description  0.03 Amp Surface Mount Schottky Barrier Rectifiers Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS731DW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS731DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS731DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS731DW
VOLTAGE 40V
0.03 Amp Surface Mount Schottky Barrier Rectifiers Array
FEATURES
. RoHS Compliant Product
. Small Surface Mounting Type
. Low Reverse Current and Low Forward Voltage
. High Reliability
. High Speed Switching
. Three Diodes in Parallel for Easy Installation
Marking: 731 / D3P
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 CO )
PARAMETER
SYMBOL
LIMITS
UNIT
Peak Reverse Voltage
VRM
40
V
Reverse Breakdown Voltage @ IR = 100 µA
V(BR)R
40
V
Mean Rectifying Current
IO
30
mA
Peak Forward Surge Current
IFSM
200
mA
Junction Temperature
TJ
125
Storage Temperature
TSTG
- 40 ~ + 125
* 60 Hz for 1
ELECTRICAL CHARACTERISTICS ( Ta = 25
)
PARAMETER
SYMBOL
CONDITIONS
Min.
Typ.
Max.
UNIT
Forward Voltage
VF
IF = 1 mA
-
-
0.37
V
Reverse Current
IR
VR = 10 V
-
-
1
µA
Capacitance Between Terminals
CT
VR = 1 V, f = 1 MHz
-
2.0
-
pF
Note) ESD Sensitive Product Handling Required.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
A
B C
J
D
H
K
F
M
L
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
(4)(5)(6)
(1)
(2)
(3)
01-Jun-2002 Rev. A
Page 1 of 2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS731DW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS731XN SECOS-SCS731XN Datasheet
212Kb / 2P
Schottky Barrier Rectifiers
SCS731XN SECOS-SCS731XN_15 Datasheet
218Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS731DW

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
CMPSH-3 SECOS-CMPSH-3 Datasheet
100Kb / 2P
Surface Mount Schottky Barrier Rectifiers Array
SCS715W SECOS-SCS715W Datasheet
240Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751G SECOS-SCS751G Datasheet
150Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751S SECOS-SCS751S Datasheet
79Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40 Datasheet
129Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751S SECOS-SCS751S_09 Datasheet
73Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40_09 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V SECOS-SCS751V_15 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F_16 Datasheet
360Kb / 2P
0.03 AMP Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com