Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS731DW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS731DW
Description  0.03 Amp Surface Mount Schottky Barrier Rectifiers Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS731DW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS731DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS731DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCS731DW
VOLTAGE 40V
0.03 Amp Surface Mount Schottky Barrier Rectifiers Array
ELECTRICAL CHARACTERISTICS CURVES ( SCS731DW )
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
pulse measurement
1µ
10µ
100µ
T a=125
Ta=75
Ta=25
Ta=
-25
1000m
Typ.
F OR W AR D V OLT AG E : V F
(V)
F ig.1 F orward characteris tics
0
T a=125
Ta=75
Ta=25
Ta=
-25
1n
10n
100n
1µ
10µ
100µ
5
101520253035
RE V E RS E V OLT AG E : V R
(V)
F ig.2 R evers e characteris tics
02468
10
12
14
1
2
5
10
20
50
100
RE VE RS E VOLTAG E : VR
(V)
F ig.3 C apacitance between
terminals characteristics
0
0
20
40
60
80
100
25
50
75
100
125
AMB IENT TEMP ER ATUR E : Ta (ûC )
F ig.4 Derating curve
(mounting on glass epoxy P C B s)
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com