Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD103C
Description  0.35AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD103C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD103C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD103C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD103A THRU SD103C
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0
1
2
3
4
5
0
0.5
1.0
1.5
V , FORWARD VOLTAGE (V)
Fig.2 Typical High Current Fwd Characteristics
F
t = 300 s
duty cycle = 2%
p
µ
0
10
20
30
40
50
0
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Blocking Voltage Derating Curves
A
°
100mA
200mA
I = 400mA
F
0.1
1.0
100
20
30
40
V , REVERSE VOLTAGE (V)
Fig.4Typ. Junction Capacitance vs Reverse Voltage
R
10
10
0
01-Jun-2002 Rev. A
Page 2 of 2
VOLTAGE 20V ~ 40V
0.35AMP Schottky Barrier Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com