Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SD103C
Description  0.35AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD103C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD103C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD103C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
VOLTAGE 20V ~ 40V
0.35AMP Schottky Barrier Rectifiers
SD103A THRU SD103C
Dimesions / Maße in mm
Ø 0.52
Ø 1.9
DO-35
* Low Forward Voltage Drop
* Guard Ring Construction for Transient Protection
* Low Reverse Recovery Time
* Low Reverse Capacitance
Features
* Case:DO-35,Glass
* Leads:Solderable per MIL-STD-202,Method 208
* Polarity:Cathode Band
* Weight:0.13 grams (approx.)
Mechanical Data
SD103A
28
SD103B
21
RMS Reverse Voltage
SD103C
VR
14
V
Repetitive Peak Forward Current @ t<1.0s
IFRM
1.0
A
Power Dissipation at Tamb=25℃
Ptot
400
mW
Storage Temperature Range
Ts
-65 ~ +175
℃
Electrical Characteristics at Tj=25℃
Symbol
Min
Typ
Max
Unit
@IF=20mA
-
-
0.37
Forward Voltage
@IF=200mA
VF
-
-
0.6
V
IR
-
-
5.0
µA
IR
-
-
5.0
µA
Maximum Peak Reverse Current
SD103A at VR=30V
SD103B at VR=20V
SD103C at VR=10V
IR
-
-
5.0
µA
Junction Capacitance at VF=VR=0f=1MHz
Ctot
-
50
-
pF
Reverse Recovery Time From
IF=-IR=50mA to 200mA recover to 0.1 IR
trr
-
10
-
ns
Thermal Resistance,
Junction to Ambient Air
RthA
-
0.25
-
K/mW
Forward Continuous Current
IFM
350
mA
SD103A
SD103B
Peak Repetitive Reverse Voltage
SD103C
VRRM
20
30
40
V
Maximum Ratings
Characteristic
Item
Symbol
Value
Unit
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SD103C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD103C SEMTECH-SD103C Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Diodes Incorporated
SD103C DIODES-SD103C Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
General Semiconductor
SD103C GE-SD103C Datasheet
132Kb / 3P
Schottky Diodes
logo
Micro Commercial Compon...
SD103C MCC-SD103C Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
List of Unclassifed Man...
SD103C ETC1-SD103C Datasheet
337Kb / 3P
SCHOTTKY DIODES
More results

Similar Description - SD103C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
SeCoS Halbleitertechnol...
SCS157V SECOS-SCS157V Datasheet
706Kb / 2P
0.35Amp 40V Low Vf Schottky Barrier Rectifiers
SD103AW SECOS-SD103AW Datasheet
308Kb / 2P
0.35AMP Surface Mount Schottky Barrier Rectifiers
SD103AWS SECOS-SD103AWS Datasheet
370Kb / 2P
0.35AMP Surf ace Mount Schottky Barrier Rectifiers
SMD103A SECOS-SMD103A Datasheet
1Mb / 2P
0.35AMP Schottky Barrier Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SD103AW SECOS-SD103AW_15 Datasheet
309Kb / 2P
0.35AMP Surface Mount Schottky Barrier Rectifiers
SD103AWS SECOS-SD103AWS_15 Datasheet
371Kb / 2P
0.35AMP Surf ace Mount Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com